Electronic Components Datasheet Search
  English  ▼

X  

MLX81207 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX81207
Description  BLDC Motor Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX81207 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX81207 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX81207 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX81207 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX81207 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX81207 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX81207 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX81207 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX81207 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX81207 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MLX81205/07
390108120502
Page 13 of 18
Product Abstract
Rev. 4.7
11/2/2015
6.
Mechanical Specification
16
6.1
QFN packages
Figure 5 - QFN Package Drawing
6.1.1. QFN32_WF 5x5 (32 leads)
Symbol 17
A
A1
A3
b
D
D2
E
E2
e
L
Tx
Ty
N 18
Nd 19
Ne 19
Min
0.80
0.00
0.20
0.18
5.00
3.50
5.00
3.50
0.50
0.35
0.16
0.10
32
8
8
Nom
0.90
0.02
0.25
3.60
3.60
0.40
Max
1.00
0.05
0.30
3.70
3.70
0.45
Table 6
– QFN32_WF 5x5 Package Dimensions
16 Dimensions and tolerances conform to ASME Y14.5M-1994
17 Dimensions in millimetres, angles in degrees
18 N is the total number of terminals
19 ND and NE refer to number of terminals on each D and E side respectively



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com