Electronic Components Datasheet Search
  English  ▼

X  

EMC1073 Datasheet(PDF) 39 Page - SMSC Corporation

Part # EMC1073
Description  Multiple Channel 1째C Temperature Sensors with Selectable Address
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1073 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button EMC1073 Datasheet HTML 35Page - SMSC Corporation EMC1073 Datasheet HTML 36Page - SMSC Corporation EMC1073 Datasheet HTML 37Page - SMSC Corporation EMC1073 Datasheet HTML 38Page - SMSC Corporation EMC1073 Datasheet HTML 39Page - SMSC Corporation EMC1073 Datasheet HTML 40Page - SMSC Corporation EMC1073 Datasheet HTML 41Page - SMSC Corporation EMC1073 Datasheet HTML 42Page - SMSC Corporation EMC1073 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Multiple Channel 1°C Temperature Sensors with Selectable Address
Datasheet
SMSC EMC1073 / EMC1074
39
Revision 1.39 (10-11-10)
DATASHEET
6.18
Product ID Register
The Product ID Register holds a unique value that identifies the device.
6.19
SMSC ID Register (FEh)
The Manufacturer ID register contains an 8 bit word that identifies the SMSC as the manufacturer of
the EMC1073 and EMC1074.
6.20
Revision Register (FFh)
The Revision register contains an 8 bit word that identifies the die revision.
Table 6.21 Filter Settings
FILTER[1:0]
AVERAGING
10
0
0
Disabled (default)
0
1
Level 1
10
Level 1
11
Level 2
Table 6.22 Product ID Register
ADDR
R/W
REGISTER
B7B6B5B4
B3B2B1B0
DEFAULT
FDh
R
Product ID
EMC1073
0010
0001
21h
FDh
R
Product ID
EMC1074
0010
0101
25h
Table 6.23 Manufacturer ID Register
ADDR.
R/W
REGISTER
B7B6B5B4B3B2B1B0
DEFAULT
FEh
R
SMSC ID
01011101
5Dh
Table 6.24 Revision Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
FFh
R
Revision
0
00000
1
1
03h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com