Electronic Components Datasheet Search
  English  ▼

X  

EMC1072 Datasheet(PDF) 13 Page - SMSC Corporation

Part # EMC1072
Description  1째C Temperature Sensor with Selectable Address
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1072 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button EMC1072 Datasheet HTML 9Page - SMSC Corporation EMC1072 Datasheet HTML 10Page - SMSC Corporation EMC1072 Datasheet HTML 11Page - SMSC Corporation EMC1072 Datasheet HTML 12Page - SMSC Corporation EMC1072 Datasheet HTML 13Page - SMSC Corporation EMC1072 Datasheet HTML 14Page - SMSC Corporation EMC1072 Datasheet HTML 15Page - SMSC Corporation EMC1072 Datasheet HTML 16Page - SMSC Corporation EMC1072 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
1°C Temperature Sensor with Selectable Address
Datasheet
SMSC EMC1072
13
Revision 1.39 (10-11-10)
DATASHEET
4.3
Read Byte
The Read Byte protocol is used to read one byte of data from the registers as shown in Table 4.3.
4.4
Send Byte
The Send Byte protocol is used to set the internal address register pointer to the correct address
location. No data is transferred during the Send Byte protocol as shown in Table 4.4.
4.5
Receive Byte
The Receive Byte protocol is used to read data from a register when the internal register address
pointer is known to be at the right location (e.g. set via Send Byte). This is used for consecutive reads
of the same register as shown in Table 4.5.
4.6
Alert Response Address
The ALERT output can be used as a processor interrupt or as an SMBus Alert.
When it detects that the ALERT pin is asserted, the host will send the Alert Response Address (ARA)
to the general address of 0001_100xb. All devices with active interrupts will respond with their client
address as shown in Table 4.6.
Table 4.3 Read Byte Protocol
START
SLAVE
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
START
SLAVE
ADDRESS
RD
ACK
REGISTER
DATA
NACK
STOP
1 -> 0
1001_100
0
1
XXh
0
1 -> 0
1001_100
1
1
XX
1
0 -> 1
Table 4.4 Send Byte Protocol
START
SLAVE
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
STOP
1 -> 0
1001_100
0
0
XXh
0
0 -> 1
Table 4.5 Receive Byte Protocol
START
SLAVE
ADDRESS
RD
ACK
REGISTER DATA
NACK
STOP
1 -> 0
1001_100
1
0
XXh
1
0 -> 1
Table 4.6 Alert Response Address Protocol
START
ALERT
RESPONSE
ADDRESS
RD
ACK
DEVICE
ADDRESS
NACK
STOP
1 -> 0
0001_100
1
0
1001_1000
1
0 -> 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com