Electronic Components Datasheet Search
  English  ▼

X  

204HD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 204HD
Description  3.0 mm ROUND TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

204HD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  204HD Datasheet HTML 1Page - List of Unclassifed Manufacturers 204HD Datasheet HTML 2Page - List of Unclassifed Manufacturers 204HD Datasheet HTML 3Page - List of Unclassifed Manufacturers 204HD Datasheet HTML 4Page - List of Unclassifed Manufacturers 204HD Datasheet HTML 5Page - List of Unclassifed Manufacturers 204HD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data Sheet
3.0mm Round Type LED Lamps
204HD
█
Features :
●
Choice of various viewing angles
●
Available on tape and reel.
●
Reliable and robust
●
Pb free
█
Descriptions :
●
The series is specially designed for
applications requiring higher
brightness
●
The led lamps are available with
different colors, intensities,
█
Applications :
●
TV set
●
Monitor
●
Telephone
●
Computer
204HD
GaP
Bright Red
Red Diffused
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
3
Page: 1 of 6
Device Number :
CDLE-020-280
Prepared date:
2004/6/24
Prepared by:
Caixia wu
0
Lens Color
PART NO.
Material
Emitted Color


Similar Part No. - 204HD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
204HC3102K2EM8 ILLINOISCAPACITOR-204HC3102K2EM8 Datasheet
1Mb / 4P
High AC Voltage - High current
204HC3102K4TM6 ILLINOISCAPACITOR-204HC3102K4TM6 Datasheet
1Mb / 4P
High AC Voltage - High current
204HC3102K4VM6 ILLINOISCAPACITOR-204HC3102K4VM6 Datasheet
1Mb / 4P
High AC Voltage - High current
204HC4102K2UM8 ILLINOISCAPACITOR-204HC4102K2UM8 Datasheet
1Mb / 6P
High AC Voltage - High current
logo
List of Unclassifed Man...
204HGW ETC-204HGW Datasheet
132Kb / 5P
3MM ROUND SMALL FLANGE WITHOUT STAND - OFF LEDS, T-1
More results

Similar Description - 204HD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
264-10YD ETC-264-10YD Datasheet
93Kb / 6P
3.0 MM ROUND TYPE LED LAMPS
333HD ETC-333HD Datasheet
104Kb / 6P
5.0 MM ROUND TYPE LED LAMPS
1224VGC ETC-1224VGC Datasheet
98Kb / 6P
3.0 MM ROUND TYPE LED LAMPS
204GD ETC-204GD Datasheet
95Kb / 6P
3.0 MM ROUND TYPE LED LAMPS
209HGW ETC-209HGW Datasheet
137Kb / 7P
3.0 MM MULTI COLOR ROUND TYPE LED LAMPS
333GD ETC-333GD Datasheet
92Kb / 4P
5.0 MM ROUND TYPE LED LAMPS
logo
BetLux Electronics
BL-L189 BETLUX-BL-L189 Datasheet
244Kb / 4P
1.8 mm Round Tower Type LED Lamps
REV NO: V.2
logo
LIGITEK electronics co....
LDBK13743 LIGITEK-LDBK13743 Datasheet
1Mb / 5P
ROUND TYPE LED LAMPS
LHRF13743 LIGITEK-LHRF13743 Datasheet
1Mb / 5P
ROUND TYPE LED LAMPS
LSR31043 LIGITEK-LSR31043 Datasheet
754Kb / 7P
ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com