Electronic Components Datasheet Search
  English  ▼

X  

L7912CT Datasheet(PDF) 3 Page - STMicroelectronics

Part # L7912CT
Description  NEGATIVE VOLTAGE REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7912CT Datasheet(HTML) 3 Page - STMicroelectronics

  L7912CT Datasheet HTML 1Page - STMicroelectronics L7912CT Datasheet HTML 2Page - STMicroelectronics L7912CT Datasheet HTML 3Page - STMicroelectronics L7912CT Datasheet HTML 4Page - STMicroelectronics L7912CT Datasheet HTML 5Page - STMicroelectronics L7912CT Datasheet HTML 6Page - STMicroelectronics L7912CT Datasheet HTML 7Page - STMicroelectronics L7912CT Datasheet HTML 8Page - STMicroelectronics L7912CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
L7900 SERIES
3/16
ORDERING CODES
(*) Available in Tape & Reel with the suffix "-TR".
TEST CIRCUIT
ELECTRICAL CHARACTERISTICS OF L7905C (refer to the test circuits, TJ = 0 to 125°C, VI = -10V,
IO =500 mA, CI =2.2 µF, CO = 1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
TYPE
TO-220
D2PAK (*)
TO-220FP
TO-3
OUTPUT VOLTAGE
L7905C
L7905CV
L7905ACD2T
L7905CP
L7905CT
-5 V
L7952C
L7952CV
L7952ACD2T
L7952CT
-5.2 V
L7906C
L7906CV
L7906ACD2T
L7906CP
L7906CT
-6 V
L7908C
L7908CV
L7908ACD2T
L7908CP
L7908CT
-8 V
L7912C
L7912CV
L7912ACD2T
L7912CP
L7912CT
-12 V
L7915C
L7915CV
L7915ACD2T
L7915CP
L7915CT
-15 V
L7918C
L7918CV
L7918ACD2T
L7918CP
L7918CT
-18 V
L7920C
L7920CV
L7920ACD2T
L7920CP
L7920CT
-20 V
L7922C
L7922CV
L7922ACD2T
L7922CT
-22 V
L7924C
L7924CV
L7924ACD2T
L7924CP
L7924CT
-24 V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
-4.8
-5
-5.2
V
VO
Output Voltage
IO =-5mAto -1A PO ≤ 15 W
VI = 8 to 20 V
-4.75
-5
-5.25
V
∆V
O(*)
Line Regulation
VI =-7 to-25 V
TJ = 25°C
100
mV
VI =-8 to-12 V
TJ = 25°C
50
∆V
O(*)
Load Regulation
IO =5mAto 1.5 A
TJ = 25°C
100
mV
IO = 250 to 750 mA
TJ = 25°C
50
Id
Quiescent Current
TJ = 25°C
3
mA
∆I
d
Quiescent Current Change
IO =5mAto 1 A
0.5
mA
VI = -8 to -25 V
1.3
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-0.4
mV/°C
eN
Output Noise Voltage
B = 10Hz to 100KHz
TJ = 25°C
100
µV
SVR
Supply Voltage Rejection
∆V
I = 10 V
f = 120Hz
54
60
dB
Vd
Dropout Voltage
IO =1A
TJ = 25°C
∆V
O = 100 mV
1.4
V
Isc
Short Circuit Current
2.1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com