Electronic Components Datasheet Search
  English  ▼

X  

LM3477 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3477
Description  High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3477 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3477 Datasheet HTML 10Page - National Semiconductor (TI) LM3477 Datasheet HTML 11Page - National Semiconductor (TI) LM3477 Datasheet HTML 12Page - National Semiconductor (TI) LM3477 Datasheet HTML 13Page - National Semiconductor (TI) LM3477 Datasheet HTML 14Page - National Semiconductor (TI) LM3477 Datasheet HTML 15Page - National Semiconductor (TI) LM3477 Datasheet HTML 16Page - National Semiconductor (TI) LM3477 Datasheet HTML 17Page - National Semiconductor (TI) LM3477 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Design Section (Continued)
This is the fraction of the switching period that the switch is
on. The switch is off for the remainder of the period. This
fraction is expressed as:
D’ = 1−D
The LM3477/A has limits for the maximum and minimum
duty cycle (see ELECTRICAL CHARACHTERISTICS). The
maximum duty cycle of 93% (typical) will limit how low the
input voltage may drop while maintaining a regulated output
voltage (the dropout voltage). In situations where a very low
dropout voltage is required, it is necessary to include V
D,VQ
and V
SN losses in the maximum duty cycle calculation.
Voltage drops in the inductor will lower the dropout voltage
as well.
The minimum duty cycle of the LM3477/A corresponds to the
minimum on time, or blank out time (see ELECTRICAL
CHARACHTERISTICS).
D
MIN =TMIN* fs
This will not limit how high the input voltage can rise, how-
ever the LM3477/A will operate in hysteretic mode once the
operating duty cycle decreases to the minimum duty cycle.
Programming the Current Limit/Hysteretic Threshold
DEFINITIONS:
Current Limit: The current limit is the point at which the
LM3477/A begins to limit the peak switch current. The cur-
rent limit in the LM3477/A varies with duty cycle, which is a
function of the V
IN −VOUT differential.
Hysteric Threshold: Hysteretic threshold is the current at
which the LM3477/A enters the hysteretic mode of operation
(see OVER VOLTAGE PROTECTION section). The hyster-
etic threshold is with respect to the peak switch current.
Setting Current Limit and Hysteretic Threshold
The adjustable current limit of the LM3477/A is set by the
sense resistor R
SN. The voltage across RSN is compared to
an internal control voltage V
C. The onset of current limiting is
when V
SEN(peak) equals VC(max),orVCL.VSEN is defined
here as the differential voltage from the V
IN pin to the ISEN
pin. V
CL decreases as the duty cycle increases, as shown in
Figure 7. Therefore, it is important to know both V
SEN(peak)
and V
CL(min) at the maximum operating duty cycle, or lowest
V
IN condition.
V
CL(MIN) =VCL(0)(MIN) −D(MAX) (VCL(0)(MIN) −VCL(100)(MIN))
where D
MAX is the duty cycle at the lowest VIN condition.
To avoid current limit,
V
SEN(peak) < VCL(MIN)
Therefore,
200033K3
FIGURE 7. Current Limit and Hysteretic Threshold vs
Duty Cycle
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com