Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF83 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF83 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC32RF83 Datasheet HTML 5Page - Texas Instruments ADC32RF83 Datasheet HTML 6Page - Texas Instruments ADC32RF83 Datasheet HTML 7Page - Texas Instruments ADC32RF83 Datasheet HTML 8Page - Texas Instruments ADC32RF83 Datasheet HTML 9Page - Texas Instruments ADC32RF83 Datasheet HTML 10Page - Texas Instruments ADC32RF83 Datasheet HTML 11Page - Texas Instruments ADC32RF83 Datasheet HTML 12Page - Texas Instruments ADC32RF83 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 136 page
background image
9
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
F-band = 1880 MHz to 1920 MHz, A-band = 2010 MHz to 2025 MHz, and D-band = 2570 MHz to 2620 MHz.
6.7 AC Performance Characteristics: fS = 2457.6 MSPS
(Performance Optimized for F + A + D Band
(1))
typical values specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and chip sampling rate = 2949.12 MSPS, 50% clock duty cycle, DDC-bypassed
performance, AVDD19 = 1.9 V, AVDD = 1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
SNR
Signal-to-noise ratio
fIN = 1850 MHz, AOUT = –2 dBFS
58.5
dBFS
fIN = 2600 MHz, AOUT = –2 dBFS
55.8
SFDR
Spurious-free dynamic
range
fIN = 1850 MHz, AOUT = –2 dBFS
60.0
dBc
fIN = 2600 MHz, AOUT = –2 dBFS
57.0
HD2
Second-order harmonic
distortion
fIN = 1850 MHz, AOUT = –2 dBFS
59.0
dBc
fIN = 2600 MHz, AOUT = –2 dBFS
57.0
HD3
Third-order harmonic
distortion
fIN = 1850 MHz, AOUT = –2 dBFS
75.0
dBc
fIN = 2600 MHz, AOUT = –2 dBFS
65.0
IL spur
Interleaving spurs:
fS / 2 – fIN,
fS / 4 ± fIN
fIN = 1850 MHz, AOUT = –2 dBFS
84.0
dBc
fIN = 2600 MHz, AOUT = –2 dBFS
76.0
HD2 IL
Interleaving spur for HD2:
fS / 2 – HD2
fIN = 1850 MHz, AOUT = –2 dBFS
76.0
dBc
fIN = 2600 MHz, AOUT = –2 dBFS
67.0
IMD3
Two-tone, third-order
intermodulation distortion
fIN1 = 1800 MHz, fIN2 = 2600 MHz,
AOUT = –8 dBFS (each tone)
67.0
dBFS
(1)
F-band = 1880 MHz to 1920 MHz, A-band = 2010 MHz to 2025 MHz, and D-band = 2570 MHz to 2620 MHz.
6.8 AC Performance Characteristics: fS = 2457.6 MSPS
(Performance Optimized for F + A Band
(1))
typical values specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and chip sampling rate = 2949.12 MSPS, 50% clock duty cycle, DDC-bypassed
performance, AVDD19 = 1.9 V, AVDD = 1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
SNR
Signal-to-noise ratio
fIN = 1850 MHz, AOUT = –2 dBFS
58.7
dBFS
fIN = 2100 MHz, AOUT = –2 dBFS
57.9
SFDR
Spurious-free dynamic
range
fIN = 1850 MHz, AOUT = –2 dBFS
71.0
dBc
fIN = 2100 MHz, AOUT = –2 dBFS
69.0
HD2
Second-order harmonic
distortion
fIN = 1850 MHz, AOUT = –2 dBFS
71.0
dBc
fIN = 2100 MHz, AOUT = –2 dBFS
69.0
HD3
Third-order harmonic
distortion
fIN = 1850 MHz, AOUT = –2 dBFS
75.0
dBc
fIN = 2100 MHz, AOUT = –2 dBFS
76.0
IL spur
Interleaving spurs:
fS / 2 – fIN,
fS / 4 ± fIN
fIN = 1850 MHz, AOUT = –2 dBFS
82.0
dBc
fIN = 2100 MHz, AOUT = –2 dBFS
84.0
HD2 IL
Interleaving spur for HD2:
fS / 2 – HD2
fIN = 1850 MHz, AOUT = –2 dBFS
80.0
dBc
fIN = 2100 MHz, AOUT = –2 dBFS
80.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com