Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF80IRMPT Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF80IRMPT
Description  Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF80IRMPT Datasheet(HTML) 81 Page - Texas Instruments

Back Button ADC32RF80IRMPT Datasheet HTML 77Page - Texas Instruments ADC32RF80IRMPT Datasheet HTML 78Page - Texas Instruments ADC32RF80IRMPT Datasheet HTML 79Page - Texas Instruments ADC32RF80IRMPT Datasheet HTML 80Page - Texas Instruments ADC32RF80IRMPT Datasheet HTML 81Page - Texas Instruments ADC32RF80IRMPT Datasheet HTML 82Page - Texas Instruments ADC32RF80IRMPT Datasheet HTML 83Page - Texas Instruments ADC32RF80IRMPT Datasheet HTML 84Page - Texas Instruments ADC32RF80IRMPT Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 136 page
background image
81
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.5.3.5 Register 05Ah (address = 05Ah), Master Page
Figure 156. Register 05Ah
7
6
5
4
3
2
1
0
SYSREF DEL[2:0]
0
0
0
0
0
W-0h
R/W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 42. Register 05Ah Field Descriptions
Bit
Field
Type
Reset
Description
7
SYSREF DEL2
W
0h
When the SYSREF delay feature is enabled (3Ch, bit 6) the
delay can be adjusted in 25-ps steps; the first step is 175 ps.
The PVT variation of each 25-ps step is ±10 ps. The 175-ps step
is ±50 ps; see Table 43.
6
SYSREF DEL1
R/W
5
SYSREF DEL0
W
4-0
0
W
0h
Must write 0
Table 43. SYSREF DEL[2:0] Bit Settings
STEP
SETTING
STEP (NOM)
TOTAL DELAY (NOM)
1
01000
175 ps
175 ps
2
00111
25 ps
200 ps
3
00110
25 ps
225 ps
4
00101
25 ps
250 ps
5
00100
25 ps
275 ps
6
00011
25 ps
300 ps
8.5.3.6 Register 03Dh (address = 3Dh), Master Page
Figure 157. Register 03Dh
7
6
5
4
3
2
1
0
0
0
0
0
0
JESD OUTPUT SWING
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
LEGEND: R/W = Read/Write; W = Write only; -n = value after reset
Table 44. Register 03Dh Field Descriptions
Bit
Field
Type
Reset
Description
7-3
0
W
0h
Must write 0
2-0
JESD OUTPUT SWING
R/W
0h
These bits select the output amplitude, VOD (mVPP), of the JESD
transmitter for all lanes.
0 = 860 mVPP
1= 810 mVPP
2 = 770 mVPP
3 = 745 mVPP
4 = 960 mVPP
5 = 930 mVPP
6 = 905 mVPP
7 = 880 mVPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com