Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF83IRMPR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83IRMPR
Description  Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF83IRMPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADC32RF83IRMPR Datasheet HTML 26Page - Texas Instruments ADC32RF83IRMPR Datasheet HTML 27Page - Texas Instruments ADC32RF83IRMPR Datasheet HTML 28Page - Texas Instruments ADC32RF83IRMPR Datasheet HTML 29Page - Texas Instruments ADC32RF83IRMPR Datasheet HTML 30Page - Texas Instruments ADC32RF83IRMPR Datasheet HTML 31Page - Texas Instruments ADC32RF83IRMPR Datasheet HTML 32Page - Texas Instruments ADC32RF83IRMPR Datasheet HTML 33Page - Texas Instruments ADC32RF83IRMPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 136 page
background image
VCM
INxP
INxM
RDC / 2
RDC / 2
ADC32RF80
IDIFF
To Analog Buffer
To Analog Buffer
Clamp
Circuit
Copyright © 2016, Texas Instruments Incorporated
Input Vcm
INP
INM
+337.5 mV
±337.5 mV
+600 mV
±600 mV
675 mVPP for INP and INM
(1.35 VPP Differentially)
30
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.1.1 Input Clamp Circuit
The ADC32RF8x analog inputs include an internal, differential clamp for overvoltage protection. The clamp
triggers for any input signals at approximately 600 mV above the input common-mode voltage, effectively limiting
the maximum input signal to approximately 2.4 VPP, as shown in Figure 85 and Figure 86.
When the clamp circuit conducts, the maximum differential current flowing through the circuit (via input pins)
must be limited to 20 mA.
Figure 85. Clamp Circuit in the ADC32RF8x
Figure 86. Clamp Response Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com