Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF80 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF80
Description  Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF80 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC38RF80 Datasheet HTML 35Page - Texas Instruments DAC38RF80 Datasheet HTML 36Page - Texas Instruments DAC38RF80 Datasheet HTML 37Page - Texas Instruments DAC38RF80 Datasheet HTML 38Page - Texas Instruments DAC38RF80 Datasheet HTML 39Page - Texas Instruments DAC38RF80 Datasheet HTML 40Page - Texas Instruments DAC38RF80 Datasheet HTML 41Page - Texas Instruments DAC38RF80 Datasheet HTML 42Page - Texas Instruments DAC38RF80 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 152 page
background image
39
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3 – DECEMBER 2016
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.3.5 JESD204B Descrambler
The descrambler is a 16-bit parallel self-synchronous descrambler based on the polynomial 1 + x14 + x15. From
the JESD204B specification, the scrambling/descrambling process only occurs on the user data, not on the code
group synchronization or the ILA sequence. Each multi-DUC has a separate descrambler that can be enabled
independently. The descrambler is enabled by field SCR in the multi-DUC paged register JESD_N_HD_SCR
(8.5.49).
8.3.6 JESD204B Frame Assembly
The DAC38RFxx may be programmed as a single or dual DAC device, with one JESD RX block designated for
each DAC. The two JESD RX blocks can be programmed to operate as two separate links or as a single link.
The JESD204B defines the following parameters:
•
L is the number of lanes
•
M is the number of I or Q streams per device (2 = 1 IQ pair, 4 = 2 IQ pairs, 8 = 4 IQ pairs)
•
F is the number of octets per frame clock period
•
S is the number of samples per frame
•
HD is the High-Density bit which controls whether a sample may be divided over more lanes
•
N = NPRIME is the number of bits per sample (12 or 16 - bits)
Fields K and L are found in multi-DUC paged register JESD_K_L (8.5.46), M and S in multi-DUC paged register
JESD_M_S (8.5.48), and N, NPRIME and HD in multi-DUC paged register JESD_N_HD_SCR (8.5.49).
Table 9 lists the available JESD204B formats, interpolation rates and sample rate limits for the DAC38RFxx. The
ranges are limited by the Serdes PLL VCO frequency range, the Serdes PLL reference clock range, the
maximum Serdes line rate, and the maximum DAC sample frequency. Table 10 through Table 22 lists the frame
formats for each mode. In the frame format tables, i CH (N) [x:y] and q CH (N) [x:y] are bits x through y of the I
and Q samples at time N of DUC channel CH. If [x..y] is not listed, the full sample is assumed. For example,
i0(0)[15:8] are bits 15 – 8 of the I sample at time 0 of DUC #0, and q1(1) is the full Q sample at time 1 of DUC
#1.
Table 9. JESD204B Formats for DAC38RFxx
L-M-F-S-Hd
1 TX
L-M-F-S-
Hd
2 TX
Frame
Format
Input
Resoluti
on
IQ pairs
per DAC
Interp
Input
rate max
(MSPS)
fDAC
Max
(MSPS)
DAC38RF
83,
DAC38RF
80
DAC38RF
93,DAC38
RF90
DAC38RF
85
(1 TX
only)
DAC38RF
84
(1 TX
only)
82121
NA
1 TX:
Table 10
16
1
6
1230
7380
x
x
16
1
8
1125
9000
x
x
16
1
12
750
9000
x
x
x
x
16
1
16
562.5
9000
x
x
x
x
42111
84111
1 TX:
Table 11
2 TX:
Table 12
16
1
6
1230
7380
x
x
16
1
8
1125
9000
x
x
16
1
10
900
9000
x
x
16
1
12
750
9000
x
x
x
x
16
1
16
562.5
9000
x
x
x
x
16
1
18
500
9000
x
x
x
x
16
1
24
375
9000
x
x
x
x
22210
44210
1 TX:
Table 13
2 TX:
Table 14
16
1
8
625
5000
x
x
16
1
12
625
7500
x
x
x
x
16
1
16
562.5
9000
x
x
x
x
16
1
18
500
9000
x
x
x
x
16
1
20
450
9000
x
x
x
x
16
1
24
375
9000
x
x
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com