Electronic Components Datasheet Search
  English  ▼

X  

OPA388ID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA388ID
Description  Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA388ID Datasheet(HTML) 2 Page - Texas Instruments

  OPA388ID Datasheet HTML 1Page - Texas Instruments OPA388ID Datasheet HTML 2Page - Texas Instruments OPA388ID Datasheet HTML 3Page - Texas Instruments OPA388ID Datasheet HTML 4Page - Texas Instruments OPA388ID Datasheet HTML 5Page - Texas Instruments OPA388ID Datasheet HTML 6Page - Texas Instruments OPA388ID Datasheet HTML 7Page - Texas Instruments OPA388ID Datasheet HTML 8Page - Texas Instruments OPA388ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
OPA388, OPA2388, OPA4388
SBOS777 – DECEMBER 2016
www.ti.com
Product Folder Links: OPA388 OPA2388 OPA4388
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information: OPA388 .................................. 5
6.5
Electrical Characteristics: VS = ±1.25 V to ±2.75 V
(VS = 2.5 to 5.5 V)...................................................... 6
6.6
Typical Characteristics .............................................. 8
6.7
Typical Characteristics .............................................. 9
7
Detailed Description ............................................ 15
7.1
Overview ................................................................. 15
7.2
Functional Block Diagram ....................................... 15
7.3
Feature Description................................................. 15
7.4
Device Functional Modes........................................ 17
8
Application and Implementation ........................ 18
8.1
Application Information............................................ 18
8.2
Typical Application .................................................. 18
8.3
System Examples ................................................... 20
9
Power Supply Recommendations ...................... 22
10
Layout................................................................... 23
10.1
Layout Guidelines ................................................. 23
10.2
Layout Example .................................................... 23
11
Device and Documentation Support ................. 24
11.1
Device Support...................................................... 24
11.2
Documentation Support ........................................ 24
11.3
Related Links ........................................................ 24
11.4
Receiving Notification of Documentation Updates 24
11.5
Community Resources.......................................... 24
11.6
Trademarks ........................................................... 25
11.7
Electrostatic Discharge Caution ............................ 25
11.8
Glossary ................................................................ 25
12
Mechanical, Packaging, and Orderable
Information ........................................................... 25
4 Revision History
DATE
REVISION
NOTES
December 2016
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com