Electronic Components Datasheet Search
  English  ▼

X  

OPA376 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA376
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA376 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA376 Datasheet HTML 17Page - Texas Instruments OPA376 Datasheet HTML 18Page - Texas Instruments OPA376 Datasheet HTML 19Page - Texas Instruments OPA376 Datasheet HTML 20Page - Texas Instruments OPA376 Datasheet HTML 21Page - Texas Instruments OPA376 Datasheet HTML 22Page - Texas Instruments OPA376 Datasheet HTML 23Page - Texas Instruments OPA376 Datasheet HTML 24Page - Texas Instruments OPA376 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Frequency (Hz)
-60
-40
-20
0
20
100
1k
10k
100k
1M
4
1
C
3
4
2
5
R
Gain
R
1
f
1 R R C C
2
S
1 3
2
5
2
2
1
3
4
3
4
2
5
1 R R C C
Output
s
Input
s
s C
1 R
1 R
1 R
1 R R C C
21
OPA376-Q1, OPA2376-Q1, OPA4376-Q1
www.ti.com
SBOS549B – APRIL 2011 – REVISED JUNE 2016
Product Folder Links: OPA376-Q1 OPA2376-Q1 OPA4376-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
Use the following parameters for this design example:
•
Gain = 5 V/V (inverting gain)
•
Low-pass cutoff frequency = 25 kHz
•
Second-order Chebyshev filter response with 3-dB gain peaking in the passband
8.2.1.1 Detailed Design Procedure
The infinite-gain multiple-feedback circuit for a low-pass network function is shown in Figure 30. Use Equation 1
to calculate the voltage transfer function.
(1)
This circuit produces a signal inversion. For this circuit, the gain at dc and the low-pass cutoff frequency are
calculated by Equation 2:
(2)
Software tools are readily available to simplify filter design. WEBENCH® Filter Designer is a simple, powerful,
and easy-to-use active filter design program. The WEBENCH Filter Designer lets you create optimized filter
designs using a selection of TI operational amplifiers and passive components from TI's vendor partners.
Available as a web-based tool from the WEBENCH® Design Center, WEBENCH® Filter Designer allows you to
design, optimize, and simulate complete multi-stage active filter solutions within minutes.
8.2.2 Application Curve
Figure 31. Low-Pass Filter Transfer Function
9 Power Supply Recommendations
The OPAx376-Q1 family of devices is specified for operation from 2.2 V to 5.5 V (±1.1 V to ±2.75 V); many
specifications apply from –40°C to +125°C. Parameters that can exhibit significant variance with regard to
operating voltage or temperature are presented in the Typical Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com