Electronic Components Datasheet Search
  English  ▼

X  

TPS22976DPUT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22976DPUT
Description  5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22976DPUT Datasheet(HTML) 4 Page - Texas Instruments

  TPS22976DPUT Datasheet HTML 1Page - Texas Instruments TPS22976DPUT Datasheet HTML 2Page - Texas Instruments TPS22976DPUT Datasheet HTML 3Page - Texas Instruments TPS22976DPUT Datasheet HTML 4Page - Texas Instruments TPS22976DPUT Datasheet HTML 5Page - Texas Instruments TPS22976DPUT Datasheet HTML 6Page - Texas Instruments TPS22976DPUT Datasheet HTML 7Page - Texas Instruments TPS22976DPUT Datasheet HTML 8Page - Texas Instruments TPS22976DPUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
TPS22976
SLVSDE7 – NOVEMBER 2016
www.ti.com
Product Folder Links: TPS22976
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT(2)
VIN1,2
Input voltage
–0.3
6
V
VOUT1,2
Output voltage
–0.3
6
V
VON1,2
ON-pin voltage
–0.3
6
V
VBIAS
Bias voltage
–0.3
6
V
IMAX
Maximum continuous switch current per channel
6
A
IPLS
Maximum pulsed switch current per channel, pulse <300 µs, 3% duty cycle
8
A
TJ
Maximum junction temperature
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
(1)
See the Input Capacitor (Optional) section.
(2)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature [TA(max)] is dependent on the maximum operating junction temperature [TJ(max)], the
maximum power dissipation of the device in the application [PD(max)], and the junction-to-ambient thermal resistance of the part/package
in the application (θJA), as given by the following equation: TA(max) = TJ(max) – (θJA × PD(max))
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VIN1,2
Input voltage
0.6
VBIAS
V
VBIAS
Bias voltage
2.5
5.7
V
VON1,2
ON voltage
0
5.7
V
VOUT1,2
Output voltage
VIN
V
VIH
High-level input voltage, ON
VBIAS = 2.5 V to 5.7 V
1.2
5.7
V
VIL
Low-level input voltage, ON
VBIAS = 2.5 V to 5.7 V
0
0.5
V
CIN1,2
Input capacitor
1(1)
µF
TA
Operating free-air temperature (2)
–40
105
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TPS22976
UNIT
DPU (WSON)
14 PINS
RθJA
Junction-to-ambient thermal resistance
50.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
52.3
°C/W
RθJB
Junction-to-board thermal resistance
18.4
°C/W
ψJT
Junction-to-top characterization parameter
1.6
°C/W
ψJB
Junction-to-board characterization parameter
18.6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com