Electronic Components Datasheet Search
  English  ▼

X  

US5683 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # US5683
Description  Unipolar Hall Switch ??High Sensitivity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US5683 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  US5683 Datasheet HTML 1Page - Melexis Microelectronic Systems US5683 Datasheet HTML 2Page - Melexis Microelectronic Systems US5683 Datasheet HTML 3Page - Melexis Microelectronic Systems US5683 Datasheet HTML 4Page - Melexis Microelectronic Systems US5683 Datasheet HTML 5Page - Melexis Microelectronic Systems US5683 Datasheet HTML 6Page - Melexis Microelectronic Systems US5683 Datasheet HTML 7Page - Melexis Microelectronic Systems US5683 Datasheet HTML 8Page - Melexis Microelectronic Systems US5683 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
US5683
Unipolar Hall Switch
– High Sensitivity
Inverted Output
3901005683
Page 3 of 11
Data Sheet
Rev 005
Jan/15
3 Glossary of Terms
MilliTesla (mT), Gauss
Units of magnetic flux density:
1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
TSOT
Thin Small Outline Transistor (TSOT package)
– also referred with the Melexis
package code “SE”
ESD
Electro-Static Discharge
4 Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
VDD
28
V
Supply Current
IDD
50
mA
Output Voltage
VOUT
28
V
Output Current
IOUT
50
mA
Operating Temperature Range
TA
-40 to 125
C
Storage Temperature Range
TS
-50 to 150
C
Maximum Junction Temperature
TJ
165
C
ESD Sensitivity – HBM (1)
-
2000
V
Table 1: Absolute maximum ratings
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-
rated conditions for extended periods may affect device reliability.
1
Human Body Model according AEC-Q100-002 standard.
5 Pin Definitions and Descriptions
Pin
№
Name
Type
Function
1
VDD
Supply
Supply Voltage pin
2
OUT
Output
Open Drain Output pin
3
GND
Ground
Ground pin
Table 2: Pin definitions and descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com