Electronic Components Datasheet Search
  English  ▼

X  

US2881 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # US2881
Description  Bipolar Hall Switch ??Very High Sensitivity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US2881 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  US2881 Datasheet HTML 1Page - Melexis Microelectronic Systems US2881 Datasheet HTML 2Page - Melexis Microelectronic Systems US2881 Datasheet HTML 3Page - Melexis Microelectronic Systems US2881 Datasheet HTML 4Page - Melexis Microelectronic Systems US2881 Datasheet HTML 5Page - Melexis Microelectronic Systems US2881 Datasheet HTML 6Page - Melexis Microelectronic Systems US2881 Datasheet HTML 7Page - Melexis Microelectronic Systems US2881 Datasheet HTML 8Page - Melexis Microelectronic Systems US2881 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
3901002881
Rev 013
Features and Benefits
Wide operating voltage range fr
24V
Very high magnetic sensitivity
CMOS technology
Chopper-stabilized amplifier stage
Low current consumption
Open drain output
Thin SOT23 3L and flat TO-92 3L
both RoHS Compliant
packages
Ordering Code
Product Code
Temperature Code
US2881
E
US2881
K
US2881
L
US2881
E
US2881
K
US2881
L
Legend:
Temperature Code:
L for Temperature Range
E for Temperature Range
K for Temperature Range
Package Code:
SE for TSOT3, UA for
Option Code:
xxx-000: Standard version
Packing Form:
RE for Reel
Ordering example:
US2881ESE
1 Functional Diagram
Bipolar Hall Switch – Very Hi
Page 1 of 12
rom 3.5V to
tage
3L
Application Exam
Automotive, Consu
Solid-state switch
Brushless DC motor
Speed detection
Linear position dete
Angular position d
Proximity detection
Package Code
Option Code
Packing Form Code
SE
AAA-000
RE
SE
AAA-000
RE
SE
AAA-000
RE
UA
AAA-000
BU
UA
AAA-000
BU
UA
AAA-000
BU
L for Temperature Range -40°C to 150°C
E for Temperature Range -40°C to 85°C
K for Temperature Range -40°C to 125°C
SE for TSOT3, UA for TO-92(Flat)
000: Standard version
RE for Reel, BU for Bulk,
US2881ESE-AAA-000-RE
2 General Descriptio
The Melexis US2881 is a bipol
designed in mixed signal CMO
The device integrates a vol
sensor with dynamic offset c
Schmitt trigger and an open-d
in a single package.
Thanks to its wide operating
extended choice
of
temper
suitable for use in automot
applications.
The device is delivered in a
Transistor (TSOT) for surface
in a Plastic Single In Line (TO
hole mount.
Both 3-lead packages are RoHS
US2881
igh Sensitivity
Data Sheet
Mar/12
mples
umer and Industrial
otor commutation
detection
detection
on
Packing Form Code
RE
RE
RE
BU
BU
BU
ion
lar Hall-effect switch
OS technology.
ltage regulator, Hall
cancellation system,
drain output driver, all
ng voltage range and
rature range, it is
otive and consumer
a Thin Small Outline
e mount process and
O-92 flat) for through-
RoHS compliant.


Similar Part No. - US2881

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
US2881 ETC-US2881 Datasheet
132Kb / 7P
CMOS High Sensitivity Latch
logo
Melexis Microelectronic...
US2881 MELEXIS-US2881 Datasheet
496Kb / 12P
Bipolar Hall Switch - Very High Sensitivity
US2881ESE MELEXIS-US2881ESE Datasheet
496Kb / 12P
Bipolar Hall Switch - Very High Sensitivity
US2881EUA MELEXIS-US2881EUA Datasheet
496Kb / 12P
Bipolar Hall Switch - Very High Sensitivity
US2881LSE MELEXIS-US2881LSE Datasheet
496Kb / 12P
Bipolar Hall Switch - Very High Sensitivity
More results

Similar Description - US2881

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US4881 MELEXIS-US4881 Datasheet
442Kb / 11P
Bipolar Hall Switch Low Voltage & Very High Sensitivity
US2884 MELEXIS-US2884 Datasheet
515Kb / 11P
Bipolar Hall Switch - Very High Sensitivity
US2882 MELEXIS-US2882 Datasheet
495Kb / 12P
Bipolar Hall Switch - Very High Sensitivity
US2881 MELEXIS-US2881 Datasheet
496Kb / 12P
Bipolar Hall Switch - Very High Sensitivity
logo
SEC Electronics Inc.
SS1636 SECELECTRONICS-SS1636 Datasheet
261Kb / 5P
Unipolar Hall Switch-High sensitivity
logo
Melexis Microelectronic...
US5683 MELEXIS-US5683 Datasheet
724Kb / 11P
Unipolar Hall Switch ??High Sensitivity
US5681 MELEXIS-US5681 Datasheet
719Kb / 11P
Unipolar Hall Switch ??High Sensitivity
US4881 MELEXIS-US4881_12 Datasheet
736Kb / 12P
Bipolar Hall Switch Low Voltage and Very High Sensitivity
US2884 MELEXIS-US2884_12 Datasheet
718Kb / 11P
Bipolar Hall Switch ??Very High Sensitivity
US2882 MELEXIS-US2882_12 Datasheet
1Mb / 12P
Bipolar Hall Switch ??Very High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com