Electronic Components Datasheet Search
  English  ▼

X  

TH72035 Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # TH72035
Description  FSK/ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72035 Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button TH72035 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72035 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72035 Datasheet HTML 9Page - Melexis Microelectronic Systems TH72035 Datasheet HTML 10Page - Melexis Microelectronic Systems TH72035 Datasheet HTML 11Page - Melexis Microelectronic Systems TH72035 Datasheet HTML 12Page - Melexis Microelectronic Systems TH72035 Datasheet HTML 13Page - Melexis Microelectronic Systems TH72035 Datasheet HTML 14Page - Melexis Microelectronic Systems TH72035 Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TH72035
868/915MHz
FSK/ASK Transmitter
39010 72035
Page 11 of 20
Data Sheet
Rev. 011
Jan/12
Vcc
[V]
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Standby current
SBY
I
0
50nA
150nA
100nA
200nA
1µA
2µA
3µA
4µA
5µA
125°C
85°C
25°C
power step 0
2.9
3.3
3.7
4.1
4.5
4.9
Vcc
[V]
2.2
1.8
2.6
3.0
3.4
3.8
4.2
4.6
5.0
5.4
5.8
0°C
25°C
85°C
105°C
125°C
-20°C
-40°C
5 Typical Operating Characteristics
5.1
DC Characteristics
Fig. 6:
Standby current limits
Fig. 7:
Supply current in power step 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com