Electronic Components Datasheet Search
  English  ▼

X  

TH72032 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # TH72032
Description  ASK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72032 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button TH72032 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 9Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 10Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 11Page - Melexis Microelectronic Systems TH72032 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TH72032
868/915MHz
ASK Transmitter
3901072032
Page 8 of 20
Data Sheet
Rev. 011
Jun/12
4 Electrical Characteristics
4.1
Absolute Maximum Ratings
Parameter
Symbol
Condition
Min
Max
Unit
Supply voltage
VCC
0
7.0
V
Input voltage
VIN
-0.3
VCC+0.3
V
Storage temperature
TSTG
-65
150
°C
Junction temperature
TJ
150
°C
Thermal Resistance
RthJA
163
K/W
Power dissipation
Pdiss
0.12
W
Electrostatic discharge
VESD
human body model (HBM)
according to CDF-AEC-
Q100-002
±
2.0
kV
4.2
Normal Operating Conditions
Parameter
Symbol
Condition
Min
Max
Unit
Supply voltage
VCC
1.95
5.5
V
Operating temperature
TA
-40
125
°C
Input low voltage CMOS
VIL
ENTX, ASKDTA pins
0.3*VCC
V
Input high voltage CMOS
VIH
ENTX, ASKDTA pins
0.7*VCC
V
XOSC frequency
fref
set by the crystal
26.6
29
MHz
VCO frequency
fc
fc = 32 • fref
850
930
MHz
Data rate
R
NRZ
40
kbit/s
4.3
Crystal Parameters
Parameter
Symbol
Condition
Min
Max
Unit
Crystal frequency
f0
fundamental mode, AT
26.6
29
MHz
Load capacitance
CL
10
15
pF
Static capacitance
C0
7
pF
Series resistance
R1
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com