Electronic Components Datasheet Search
  English  ▼

X  

ADXL50 Datasheet(PDF) 13 Page - Analog Devices

Part # ADXL50
Description  Monolithic Accelerometer With Signal Conditioning
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL50 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADXL50 Datasheet HTML 8Page - Analog Devices ADXL50 Datasheet HTML 9Page - Analog Devices ADXL50 Datasheet HTML 10Page - Analog Devices ADXL50 Datasheet HTML 11Page - Analog Devices ADXL50 Datasheet HTML 12Page - Analog Devices ADXL50 Datasheet HTML 13Page - Analog Devices ADXL50 Datasheet HTML 14Page - Analog Devices ADXL50 Datasheet HTML 15Page - Analog Devices ADXL50 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADXL50
REV. B
–13–
Figure 24. Circuit Providing Two Pole Post Filtering and 0 g Offset and Scale Factor Trimming
ONE POLE POST FILTERING
Figure 23 shows the ADXL50 buffer amplifier connected to
provide one pole post filtering, 0 g offset trimming, and output
scaling. The table included with the figure lists practical compo-
nent values for various full-scale g levels and approximate circuit
bandwidths. For bandwidths other than those listed, use the
formula:
Capacitor C4 in Farads = 1/(2
π × R3 in Ohms
× 3 dB BW in Hertz)
or simply scale the value of capacitor C4 accordingly; i.e., for a
±20 g application with a 50 Hz bandwidth, the value of C4 will
need to be twice as large as its 100 Hz value or 0.012
µF × 2 =
0.024
µF. The closest standard value of 0.022 µF should then
be used.
TWO POLE POST FILTERING
Figure 24 shows a circuit which uses the ADXL50’s buffer am-
plifier to provide two pole post filtering. An AD820 external op
amp allows noninteractive adjustment of 0 g offset and scale
factor. Component values for the two pole filter were selected to
operate the buffer at unity gain with a Q of one.
Figure 23. Using the Buffer Amplifier to Provide One Pole Post Filtering Plus Scale Factor and 0 g Level Trimming
GAIN
10.53
5.26
2.63
2.11
FULL
SCALE
±10 g
±20 g
±40 g
±50 g
mV
per g
200
100
50
40
R4a
k
Ω
5
5
10
10
R4b
k
Ω
21.5
23.7
34
45.3
R5
k
Ω
249
137
105
105
OFFSET & SCALING AMPLIFIER
COMPONENT VALUES
3dB
BW(Hz)
300
100
30
10
C3
µF
0.027
0.082
0.27
0.82
C4
µF
0.0033
0.01
0.033
0.1
2 POLE FILTER
COMPONENT VALUES
BUFFER
AMP
ADXL50
PRE-AMP
0.022
µF
C1
C1
0.022
µF
C2
COM
0.1
µF
+5V
VOUT
VIN–
VPR
VREF
R3
1.8V
C4
R5
42.2k
Ω
82.5k
Ω
R1
82.5k
Ω
R4a
R4b
SCALE
FACTOR
TRIM
2
6
+5V
0.01
µF
7
3
4
AD820
R5
OUTPUT
OPTIONAL CAPACITOR
FOR 3 POLE FILTERING
20k
Ω
40.2k
Ω
71.5k
Ω
R6
R7
0g
LEVEL
TRIM
10
6
8
9
1
4
2
3
5
C3
2 POLE FILTER
+3.4V
OFFSET AND
SCALING
AMPLIFIER
3dB BW =
1
2
π R3 C4
RECOMMENDED COMPONENT VALUES FOR VARIOUS
FULL SCALE RANGES AND A 300Hz BANDWIDTH
FULL
SCALE
±10 g
±20 g
±40 g
±50 g
mV
per g
200
100
50
40
3dB
BW (Hz)
300
300
300
300
R1a
k
Ω
5
5
10
10
R1b
k
Ω
21.5
23.7
34
45.3
R3
k
Ω
249
137
105
105
R2
k
Ω
100
100
100
100
C4
µF
0.0022
0.0039
0.0056
0.0056
*TO OMIT THE OPTIONAL SCALE FACTOR TRIM,
REPLACE R1a AND R1b WITH A FIXED VALUE 1%
METAL FILM RESISTOR. SEE VALUES SPECIFIED
IN TABLE II.
BUFFER
AMP
ADXL50
PRE-AMP
0.022
µF
C1
C1
0.022
µF
C2
COM
0.1
µF
+5V
VOUT
VIN–
VPR
REF
+3.4V
50k
Ω
R1b
R2
R3
0g
LEVEL
TRIM
1.8V
C4
R1a
OPTIONAL SCALE
FACTOR TRIM
*
2
3
4
1
5
6
9
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com