Electronic Components Datasheet Search
  English  ▼

X  

JB06 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # JB06
Description  5.0mA 6.0kV 100nS-- High Voltage Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

JB06 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  JB06 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD JB06 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JB06
5.0mA 6.0kV 100nS-- High Voltage Diodes
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 2
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
6.0
kV
Average Output Current
IF
Ta=25°C;Resistive Load
5.0
mA
Suege Current
IFSM
Ta=25°C; 1/2 Sine(60Hz)
0.5
A
Junction Temperature
TJ
-40~+125
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C; at IF(AV)
20
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
2.0
uA
IR2
at 100°C; atVRRM
5.0
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
100
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
1.0
pF
HVGT High voltage silicon rectifier diodes is made of
high quality glass passivated chip and high reliability
epoxy resin sealing structure, and through professional
testing equipment inspection qualified after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-205
FEATURES:
1. High reliability design.
2. High voltage design.
3. High frequency .
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. Electrostatic generator circuit .
3. General purpose high voltage rectifier.
4. Other.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 0.15 grams (approx).


Similar Part No. - JB06

ManufacturerPart #DatasheetDescription
logo
Zemic Europe B.V.
JB06 ZEMIC-JB06 Datasheet
280Kb / 2P
Type JB06 Junction Box
2022.12
logo
YAGEO Corporation
JB06F YAGEO-JB06F Datasheet
930Kb / 9P
SMD 0603 FAST ACTING FUSE
June 25, 2023 V.0
JB06F1001R YAGEO-JB06F1001R Datasheet
930Kb / 9P
SMD 0603 FAST ACTING FUSE
June 25, 2023 V.0
JB06F1501R YAGEO-JB06F1501R Datasheet
930Kb / 9P
SMD 0603 FAST ACTING FUSE
June 25, 2023 V.0
JB06F2001R YAGEO-JB06F2001R Datasheet
930Kb / 9P
SMD 0603 FAST ACTING FUSE
June 25, 2023 V.0
More results

Similar Description - JB06

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HV-T70A GETEDZ-HV-T70A Datasheet
621Kb / 2P
5.0mA 6.0kV 80nS--Fast Recovery High Voltage Diodes
SHV-06EN GETEDZ-SHV-06EN Datasheet
620Kb / 2P
5.0mA 6.0kV 100nS--High Frequency High Voltage Diodes
SHV-08EN GETEDZ-SHV-08EN Datasheet
620Kb / 2P
5.0mA 8.0kV 100nS--High Frequency High Voltage Diodes
SHV-10EN GETEDZ-SHV-10EN Datasheet
619Kb / 2P
5.0mA 10kV 100nS--High Frequency High Voltage Diodes
HV10G06 GETEDZ-HV10G06 Datasheet
619Kb / 2P
10mA 6.0kV 100nS-- High Voltage Diodes
HV200F06 GETEDZ-HV200F06_17 Datasheet
460Kb / 1P
200mA 6.0kV 100nS-- High Voltage Diodes
2CL2FE GETEDZ-2CL2FE_17 Datasheet
460Kb / 1P
200mA 6.0kV 100nS-- High Voltage Diodes
ESJA54-06 GETEDZ-ESJA54-06_17 Datasheet
650Kb / 2P
5.0mA 6.0kV 80nS-- HIGH VOLTAGE RECTIFIER DIODES
ESJA54-06A GETEDZ-ESJA54-06A_17 Datasheet
651Kb / 2P
5.0mA 6.0kV 80nS-- HIGH VOLTAGE RECTIFIER DIODES
ESJA08-06 GETEDZ-ESJA08-06_17 Datasheet
650Kb / 2P
5.0mA 6.0kV 80nS-- High Voltage Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com