Electronic Components Datasheet Search
  English  ▼

X  

SHV-08DN Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # SHV-08DN
Description  5.0mA 8.0kV 75nS--Ultra-High Frequency High Voltage Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

SHV-08DN Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  SHV-08DN Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD SHV-08DN Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHV-08DN
5.0mA 8.0kV 75nS--Ultra-High Frequency High Voltage Diodes
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 2
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
8.0
kV
Average Output Current
IF
Ta=25°C;Resistive Load
5.0
mA
Suege Current
IFSM
Ta=25°C; 1/2 Sine(60Hz)
0.5
A
Junction Temperature
TJ
-40~+125
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C; at IF(AV)
30
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
2.0
uA
IR2
at 100°C; atVRRM
5.0
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
75
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
1.0
pF
HVGT High voltage silicon rectifier diodes is made of
high quality glass passivated chip and high reliability
epoxy resin sealing structure, and through professional
testing equipment inspection qualified after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-206S
FEATURES:
1. High reliability design.
2. High voltage design.
3. High frequency .
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. Electrostatic generator circuit .
3. General purpose high voltage rectifier.
4. Other.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 0.18 grams (approx).


Similar Part No. - SHV-08DN

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SHV-08DN SANKEN-SHV-08DN Datasheet
43Kb / 2P
High-Voltage Rectifier Diodes
SHV-08DN SANKEN-SHV-08DN Datasheet
29Kb / 2P
High-Voltage Rectifier Diodes
More results

Similar Description - SHV-08DN

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HV-T71 GETEDZ-HV-T71 Datasheet
621Kb / 2P
5.0mA 8.0kV 80nS--Fast Recovery High Voltage Diodes
HV-T71A GETEDZ-HV-T71A Datasheet
621Kb / 2P
5.0mA 8.0kV 80nS--Fast Recovery High Voltage Diodes
SHV-06EN GETEDZ-SHV-06EN Datasheet
620Kb / 2P
5.0mA 6.0kV 100nS--High Frequency High Voltage Diodes
SHV-08EN GETEDZ-SHV-08EN Datasheet
620Kb / 2P
5.0mA 8.0kV 100nS--High Frequency High Voltage Diodes
SHV-10DN GETEDZ-SHV-10DN Datasheet
620Kb / 2P
5.0mA 8.0kV 75nS--Ultra-High Frequency High Voltage Diodes
SHV-10EN GETEDZ-SHV-10EN Datasheet
619Kb / 2P
5.0mA 10kV 100nS--High Frequency High Voltage Diodes
SHV-12DN GETEDZ-SHV-12DN Datasheet
620Kb / 2P
5.0mA 12kV 75nS--Ultra-High Frequency High Voltage Diodes
ESJA54-08 GETEDZ-ESJA54-08_17 Datasheet
651Kb / 2P
5.0mA 8.0kV 80nS-- HIGH VOLTAGE RECTIFIER DIODES
ESJA54-08A GETEDZ-ESJA54-08A_17 Datasheet
651Kb / 2P
5.0mA 8.0kV 80nS-- HIGH VOLTAGE RECTIFIER DIODES
ESJA08-08 GETEDZ-ESJA08-08_17 Datasheet
650Kb / 2P
5.0mA 8.0kV 80nS-- High Voltage Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com