Electronic Components Datasheet Search
  English  ▼

X  

108N Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 108N
Description  MINIATURE EPOXY POTTED AUDIO TRANSFORMER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

108N Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  108N Datasheet HTML 1Page - Hammond Manufacturing Ltd. 108N Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL TEST CIRCUIT
Measurement instruments
Hp4192a impedance analyzer
Hp3456a DVM
Keithley 2002 DVM
D scope series iii audio analyzer
**The epoxy that is used to cast these parts has a workable temperature range of –40
°C to +105°C
Under a normal rate of change, this does not include thermal shock.
Variations in the transformer materials and environmental conditions may reduce the workable temperature range.
This drawing and the information in it is the property of Hammond Manufacturing. It may not be reproduced, transmitted or used in any manner whatsoever without the written permission of
Hammond Manufacturing. Data subject to change without notice.
PRIMARY
SECONDARY
R
L
R
S
/2
R
S
/2
OUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com