Electronic Components Datasheet Search
  English  ▼

X  

AP131 Datasheet(PDF) 4 Page - Anachip Corp

Part # AP131
Description  300mA Low Dropout Linear Regulator with Shutdown
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP131 Datasheet(HTML) 4 Page - Anachip Corp

  AP131 Datasheet HTML 1Page - Anachip Corp AP131 Datasheet HTML 2Page - Anachip Corp AP131 Datasheet HTML 3Page - Anachip Corp AP131 Datasheet HTML 4Page - Anachip Corp AP131 Datasheet HTML 5Page - Anachip Corp AP131 Datasheet HTML 6Page - Anachip Corp AP131 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP131
300mA Low Dropout Linear Regulator with Shutdown
Anachip Corp.
www.anachip.com.tw
Rev. 1.2 Oct 28, 2004
4/7
Typical Characteristics
AP131 PSRR V.S. Frequency
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
10
100
1K
10K
100K
1M
Frequency (Hz)
PSRR V.S. Frequency
AP131 Vout V.S. Load Current
3.02
3.025
3.03
3.035
3.04
3.045
3.05
3.055
3.06
3.065
3.07
3.075
3.08
3.085
3.09
3.095
0
30 60 90 120 150 180 210 240 270 300 330
Load Current (uA)
Vout V.S. Load Current
AP131 GND Current V.S. Input Voltage
0
5
10
15
20
25
30
35
40
45
50
55
00.511.5 22.533.544.5 55.5 6
Input Voltage (V)
GND Current V.S. Input Voltage
AP131 Dropout V.S. Load
0
0.05
0.1
0.15
0.2
0.25
0.3
0
50
100
150
200
250
300
350
Load (Io) (mA)
Dropout V.S. Load



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com