Electronic Components Datasheet Search
  English  ▼

X  

AP1115 Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1115
Description  0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1115 Datasheet(HTML) 4 Page - Anachip Corp

  AP1115 Datasheet HTML 1Page - Anachip Corp AP1115 Datasheet HTML 2Page - Anachip Corp AP1115 Datasheet HTML 3Page - Anachip Corp AP1115 Datasheet HTML 4Page - Anachip Corp AP1115 Datasheet HTML 5Page - Anachip Corp AP1115 Datasheet HTML 6Page - Anachip Corp AP1115 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP1115
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Aug.27, 2004
4/7
Electrical Characteristics (Continued) (Under Operating Conditions)
F=120Hz,COUT=25uF Tantalum, IOUT=0.6A
Ripple Rejection
AP1115-XXX
VIN=VOUT+3V
-
60
70
dB
Temperature Stability
IO=10mA
-
0.6
-
%
SOT89
-
300
-
JA
θ
Thermal Resistance Junction-to-Ambient (No
heat sink; No air flow)
TO92
-
160
-
oC/W
JC
θ
SOT89: Control Circuitry/Power Transistor
Thermal Resistance Junction-to-Case
-
100
-
oC/W
Note1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are
measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead =
1/18” from the package.
Note2: Line and load regulation are guaranteed up to the maximum power dissipation of 5W. Power dissipation is determined by the
input/output differential and the output current. Guaranteed maximum power dissipation will not be available over the full
input/output range.
Note3: Quiescent current is defined as the minimum output current required to maintain regulation. At 12V input/output differential the
device is guaranteed to regulate if the output current is greater than 10mA.
Marking Information
1
3
2
Date Code
Month: A~L
Year: 0~9
Identification Code
( See the table )
Blank: normal
L: Lead Free Package
XX
XX X
SOT89-3
Identification Code
Part Number
Output
version
AP1115A
AP1115B
ADJ
JO
JU
1.5V
JP
JV
1.8V
JQ
JW
2.5V
JR
JX
2.8V
JC
JD
3.0V
JM
JN
3.3V
JS
JY
3.5V
JK
JL
5.0V
JT
JZ
Year: "1"=2001
"2"=2002
Xth Week: 01~52
1115
Internal code: Blank or A~Z
Part Number: AP1115
Output voltage
A: A version
B: B version
Blank: ADJ
15:1.5V
18:1.8V
25:2.5V
28:2.8V
30:3.0V
33:3.3V
35:3.5V
50:5.0V
X XX
Y WW X X
(Top View)
TO92
12
3
Blank: normal
L: Lead Free Package



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com