Electronic Components Datasheet Search
  English  ▼

X  

ABS26G-ABS-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # ABS26G-ABS-R
Description  Glass passivated die construction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ABS26G-ABS-R Datasheet(HTML) 2 Page - Unisonic Technologies

  ABS26G-ABS-R Datasheet HTML 1Page - Unisonic Technologies ABS26G-ABS-R Datasheet HTML 2Page - Unisonic Technologies ABS26G-ABS-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABS22 THRU ABS210
SCHOTTKY BRIDGE DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R202-064 .A
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RATINGS
PARAMETER
SYMBOL
ABS22 ABS24 ABS26 ABS28 ABS210
UNIT
Peak Repetitive Reverse Voltage
VRRM
200
400
600
800
1000
V
Working Peak Reverse Voltage
VRWM
200
400
600
800
1000
V
DC Blocking Voltage
VDC
200
400
600
800
1000
V
RMS Voltage
VRMS
140
280
420
560
700
V
Average Rectified Output Current
TA=100°C
IO
2
A
Peak Forward Surge Current, 8.3ms Single
Half Sine-Wave Superimposed on Rated Load
IFSM
60
A
Operating Junction Temperature Range
TJ
-55 ~ +150
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°С/W
Note: Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
IF=1.0A
0.95
V
Forward Voltage Per Element
VF
IF=2.0A
1.0
V
TA=25°C
5.0
μA
Peak Reverse Current at Rated DC Blocking
Voltage
IR
TA=125°C
200
μA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com