Electronic Components Datasheet Search
  English  ▼

X  

DNK1111C Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # DNK1111C
Description  Surface Mount IRED/1608 ( t = 0.7 mm) Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

DNK1111C Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  DNK1111C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. DNK1111C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
□□1111C
Surface Mount IRED/1608 ( h = 0.7 mm) Type
Page 2
(Ta=25℃)
TYP.
IF (mA)
MIN.
TYP.
IF (mA)
DNK1111C
GaAlAs
865
20
0.7
1.4
20
TAN1111C
GaAs
940
20
0.3
0.6
20
Water
Clear
Part No.
Material
IE (mW/sr)
Lens
Color
Radiant Intensity
Peak
Wavelength
λp (nm)
Color and Luminous Intensity
2012.11.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com