Electronic Components Datasheet Search
  English  ▼

X  

LM3557 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3557
Description  Step-Up Converter for White LED Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3557 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3557 Datasheet HTML 1Page - National Semiconductor (TI) LM3557 Datasheet HTML 2Page - National Semiconductor (TI) LM3557 Datasheet HTML 3Page - National Semiconductor (TI) LM3557 Datasheet HTML 4Page - National Semiconductor (TI) LM3557 Datasheet HTML 5Page - National Semiconductor (TI) LM3557 Datasheet HTML 6Page - National Semiconductor (TI) LM3557 Datasheet HTML 7Page - National Semiconductor (TI) LM3557 Datasheet HTML 8Page - National Semiconductor (TI) LM3557 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Connection Diagram
Top View
20131602
8-Lead Thin Leadless Leadframe Package
See NS Package Number SDA08A
Ordering Information
Order Number
Package
Marking
Supplied As
LM3557SD-2
L147B
1k Units, Tape and Reel
LM3557SDX-2
L147B
4.5k Units, Tape and Reel
Pin Description
Pin #
Name
Description
1
Sw1
Drain Connection of the Internal Power Field Effect Transistor (FET) Switch (Figure 2: N1)
2V
IN
Input Voltage Connection
3
NC
No Connection
4
En
Device Enable Connection
5
Ovp
Over-Voltage Protection Input Connection
6
Fb
Feedback Voltage Connection
7
Sw2
Drain Connection of an Internal Field Effect Transistor (FET) Switch (Figure 2: N2)
8
Gnd
Ground Connection
DAP
DAP
Die Attach Pad (DAP), must be soldered to the printed circuit board’s ground plane for enhanced thermal
dissipation
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com