Electronic Components Datasheet Search
  English  ▼

X  

PI6C103H Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C103H
Description  Precision Clock Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C103H Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C103H Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C103H Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C103H Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C103H Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C103H Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C103H Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C103H Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C103H Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C103H Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
223
PS8315-2
04/08/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C103
Precision Clock Synthesizer for Mobile PCs
Pin Description
Notes:
1. VDD and VSS names in the above table reflect a likely internal power and ground partition to reduce the effects of internal noise on the performance
of the device. In reality, the platform will be configured with the same voltage VDD pins tied to a common supply and all VSS pins being common.
The VDD/VSS naming convention above is done to show how the pinout is dominated by the need to isolate all the signals.
2. The output frequency at this pin is dependent on the power on strapping option at pin 27. A 48 MHz output when power-on strapped LOW,
and 24 MHz output when strapped HIGH. This pin also serves as Hi-Z state strapping option during power-on configuration. During power-on,
the PI6C103 will sample the value at this pin. Strapped LOW for Hi-Z state mode and HIGH for normal operation.
3. This is a dual function pin. During power-on, all clock outputs are disabled, and the PI6C103 will sample the spread spectrum enable/disable strapping
option. After the strapped value latches, all clock outputs will be enabled simultaneously and this pin will become a 14.318 MHz reference clock
output. The Power-on latency needs to be less than 3ms after the supply voltage stabilized.
4. This is a dual function pin. During power-on, all clocks are disabled, and PI6C103 will sample the SEL48# strapping option. After the strapped
value latches, all clock outputs will be enabled simultaneously and this pin will become another 14.318 MHz reference clock output. The power-
on latency needs to be less than 3ms after the supply voltage stabilized.
5. Internally pulled up with resistor min.value of 50kΩ.
e
g
a
k
c
a
P
n
i
P
-
8
2
e
p
y
Tl
o
b
m
y
Sn
o
it
p
i
r
c
s
e
D
n
i
P.
y
t
Q
21
t
u
p
n
IN
I
_
L
A
T
Xt
u
p
n
i
l
a
t
s
y
r
c
z
H
M
8
1
3
.
4
1
31
t
u
p
t
u
OT
U
O
_
L
A
T
Xz
H
M
8
1
3
.
4
1t
u
p
t
u
o
l
a
t
s
y
r
c
41
t
u
p
t
u
OF
_
K
L
C
I
C
Pt
u
p
t
u
o
k
c
o
l
c
I
C
P
g
n
i
n
n
u
r
e
e
rf
V
3
.
3
1
1
,
0
1
,
9
,
6
,
55
t
u
p
t
u
O]
5
-
1
[
K
L
C
I
C
Pst
u
p
t
u
o
k
c
o
l
C
I
C
P
V
3
.
3
3
11
t
u
p
t
u
Oz
H
M
8
4t
u
p
t
u
o
k
c
o
l
c
z
H
M
8
4
V
3
.
3
4
11
t
u
p
t
u
O#
S
T
/
z
H
M
4
2
-
8
4
d
n
a
t
u
p
t
u
o
z
H
M
4
2
r
o
8
4
V
3
.
3Z
-i
Hn
o
it
p
o
g
n
i
p
p
a
rt
s
e
t
a
t
s
)
5
,
2
(
r
e
t
n
E
=
w
o
L
p
a
rt
SZ
-i
Hn
o
it
a
r
e
p
o
l
a
m
r
o
N
=
h
g
i
H
p
a
rt
S
,
g
n
it
s
e
t
r
o
f
e
d
o
m
e
t
a
t
s
6
11
t
u
p
n
I#
6
6
/
0
0
1
L
E
S
k
c
o
l
c
U
P
C
z
H
M
6
6
r
o
z
H
M
0
0
1
g
n
il
b
a
n
e
r
o
f
t
c
el
e
S
)
5
(
z
H
M
6
6
=
L
,z
H
M
0
0
1
=
H
7
11
t
u
p
n
I#
N
W
D
_
R
W
P5
W
O
L
n
e
h
w
e
d
o
m
n
w
o
d
r
e
w
o
p
s
r
e
t
n
e
e
ci
v
e
D
8
11
t
u
p
n
I#
P
O
T
S
_
U
P
Ce
t
a
t
s
W
O
L
n
i
s
k
c
o
l
c
U
P
C
p
o
t
s
,
w
o
L
n
e
h
W
0
21
t
u
p
n
I#
P
O
T
S
_
I
C
P
t
u
p
t
u
o
F
_
K
L
C
I
C
P
r
o
f
t
p
e
c
x
e
e
t
a
t
s
W
O
L
n
i
s
k
c
o
l
c
I
C
P
ll
a
s
p
o
t
s
,
W
O
L
l
a
n
g
i
s
n
e
h
W
)
5
(
4
2
,
3
22
t
u
p
t
u
O]
0
-
1
[
K
L
C
U
P
Cst
u
p
t
u
o
k
c
o
l
c
U
P
C
V
5
.
2
6
21
t
u
p
t
u
O#
d
a
e
r
p
S
/
0
F
E
R
m
u
rt
c
e
p
s
d
a
e
r
p
s
n
o
-
r
e
w
o
p
d
n
a
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
V
3
.
3
n
o
it
p
o
p
a
rt
s
el
b
a
n
e
5
,
3
()
el
b
a
n
e
g
n
i
k
c
o
l
c
m
u
rt
c
e
p
s
d
a
e
r
p
S
=
w
o
L
p
a
rt
S
el
b
a
si
d
g
n
i
k
c
o
l
c
m
u
rt
c
e
p
s
d
a
e
r
p
S
=
h
g
i
H
p
a
rt
S
7
21
t
u
p
t
u
O#
8
4
L
E
S
/
1
F
E
R
z
H
M
4
2
/
8
4
n
o
-
r
e
w
o
p
d
n
a
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
V
3
.
3
5
,
4
n
o
it
p
o
p
a
rt
s
t
c
el
e
s
W
O
L
d
e
p
a
rt
s
n
e
h
w
z
H
M
8
4
=
t
u
p
t
u
o
4
1
n
i
P
H
G
I
H
d
e
p
p
a
rt
s
n
e
h
w
z
H
M
4
2
=
t
u
p
t
u
o
4
1
n
i
P
8
2
,
9
1
,
2
1
,
81
r
e
w
o
PV D
D
r
e
w
o
P
V
3
.
3
1
2
,
5
1
,
7
,
1r
e
w
o
PV S
S
d
n
u
o
r
G
V
3
.
3
5
21
r
e
w
o
PV 2
D
D
r
e
w
o
P
V
5
.
2
2
21
r
e
w
o
PV 2
S
S
d
n
u
o
r
G
V
5
.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com