Electronic Components Datasheet Search
  English  ▼

X  

M050236 Datasheet(PDF) 1 Page - E-SWITCH

Part # M050236
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

M050236 Datasheet(HTML) 1 Page - E-SWITCH

  M050236 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R5BBLKGRNBF2
1:1
3/17/2011
M050236
C
BA
1
1
2a
2
21
RECOMMENDED PANEL MOUNTING
0.75-1.25
PANEL THICKNESS
1.25-2.00
2.00-3.00
30.6-30.8
30.2-30.4
30.0-30.2
X
32.10
[1.264 in]
25.20
[.992 in]
20.70
[.815 in]
36.00
[1.417 in]
19.50
[.768 in]
3.75
[.148 in]
9.60
[.378 in]
6.35
[.250 in]
27.20
[1.071 in]
17.20
[.677 in]
GREEN
ACTUATOR
B
19771
UPDATE / CONVERT TO INVENTOR
03/17/11
BMA
1
2
1a
2a
CIRCUIT: DPST
ON-OFF
6.90
[.272 in]
2.00
[.079 in]
.80
[.031 in]
11.40
[.449 in]
11.00
[.433 in]
21.70
[.854 in]
X
22.25 `.05
.876 `.002 in
[]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 20A @125VAC 3/4HP UL APPROVED
16A @250VAC 1HP UL APPROVED
16A @ 250VAC 1HP VDE APPROVED
5. ELECTRICAL LIFE: 10,000 CYCLES
6. MECHANICAL LIFE: 30,000 CYCLES
7. CONTACT RESISTANCE: <20 MILLI-OHMS INITIAL
8. DIELECTRIC STRENGTH: >1,500V AC 1MIN
9. INSULATION RESISTANCE: >1000MOHMS
10. OPERATING TEMP: TERMINAL SIDE: -20°C to 85°C
ROCKER SIDE: -20°C to 55°C
11. LAMP: NEON 250V AC
12.
DENOTES CRITICAL PARAMETER.
13. 2002/95/EC (ROHS) COMPLIANT
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
OFF
ON
OPEN
N/A
1-1a, 2-2a
POSITION
3
POSITION
1
BLACK
HOUSING
C
20143
ADD HP RATING
08/31/11
BMA
C
WHITE
GRAPHICS


Similar Part No. - M050236

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M050230 E-SWITCH-M050230 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
M050231 E-SWITCH-M050231 Datasheet
159Kb / 1P
ALL DIMENSIONS IN MM [INCH]
M050232 E-SWITCH-M050232 Datasheet
145Kb / 1P
ALL DIMENSIONS IN MM [INCH]
M050233 E-SWITCH-M050233 Datasheet
158Kb / 1P
ALL DIMENSIONS IN MM [INCH]
M050234 E-SWITCH-M050234 Datasheet
167Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - M050236

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com