Electronic Components Datasheet Search
  English  ▼

X  

XT0125P Datasheet(PDF) 1 Page - E-SWITCH

Part # XT0125P
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XT0125P Datasheet(HTML) 1 Page - E-SWITCH

  XT0125P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
700DP7B10M6QEC1BLK
5/21/04
XT0125P
A
AR
1
1
P.C. MOUNTING
12.70
[.500 in]
3.81
[.150 in]
1.27
[.050 in]
9.60
[.378 in]
7.53
[.296 in]
11.43
[.450 in]
12.70
[.500 in]
4.70
[.185 in]
.76
[.030 in]
3.30
[.130 in]
A
13977
RELEASED FOR PRODUCTION
5/21/04
AR
EPOXY SEAL
12.70
[.500 in]
3.81
[.150 in]
4.70
[.185 in]
5.08
[.200 in]
n1.85
[.073 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 3 AMPS W/RESISTIVE LOAD @ 120VAC OR 28 VDC
1 AMPS W/RESISTIVE LOAD @ 250VAC
6. ELECTRIC LIFE: 50,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
700C1BLK CAP
(T700100)
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
1-3, 4-6
1-2, 4-5
(ON) = MOMENTARY
700DP7B10M6QE
(T721004)
1/4-40 UNS


Similar Part No. - XT0125P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XT0120P E-SWITCH-XT0120P Datasheet
54Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XT0121P E-SWITCH-XT0121P Datasheet
64Kb / 1P
All Dimension In MM
XT0123P E-SWITCH-XT0123P Datasheet
47Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XT0124P E-SWITCH-XT0124P Datasheet
58Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XT0126P E-SWITCH-XT0126P Datasheet
77Kb / 1P
All Dimension In MM
More results

Similar Description - XT0125P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com