Electronic Components Datasheet Search
  English  ▼

X  

BA5948FP Datasheet(PDF) 2 Page - Rohm

Part # BA5948FP
Description  4-channel BTL driver for CD players
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5948FP Datasheet(HTML) 2 Page - Rohm

  BA5948FP Datasheet HTML 1Page - Rohm BA5948FP Datasheet HTML 2Page - Rohm BA5948FP Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BA5948FP
Optical Discs
2/2
!
!
!
!
Electrical characteristics (Unless otherwise noted : Ta=25
°C、VCC=8V, BIAS=2.5V, RL=8Ω, Rin=10kΩ)
ICC
−50
5.1
12.5
−50
4.0
12.5
−
2.0
7.5
−
5.6
15.0
−
4.6
15.0
−
−
15
50
6.1
17.5
50
5.1
17.5
0.5
−
mA
mV
V
dB
mV
V
dB
V
V
VOO1
VOM1
GVC1
VOO2
VOM2
GVC2
VMTOFF
VMTON
Symbol
Min.
Max.
Unit
Conditions
Typ.
Parameter
Current consumption at no signal
CH1 output offset voltage
Maximum output amplitude
Close loop gain
Maximum output amplitude
Close loop gain
CH 2,3,4 output offset voltage
Mute OFF voltage
Mute ON voltage
−
No load
!
!
!
!
Application Circuit
BIAS
N.C.
N.C.
N.C.
N.C.
PVcc1
PVcc2
Vcc=8V
0.1
µF
N.C.
N.C.
N.C.
Vcc
T.S.D.
47
µF
CH2
MUTE
N.C.
CH3
TRAVERSE
SPINDLE
TRACKING
FOCUS
MUTE
ON-HIGH
OFF-LOW
MUTE
ON-HIGH
OFF-LOW
Level
Shift
Level
Shift
Level
Shift
10k
10k
10k
30k
30k
30k
15k
10k
10k
10k
10k
10k
28
27
26
25
24
23
22
21
20
19
18
17
16
15
8
7
6
5
4
3
2
1
9
10
11
12
13
14
CH1
MUTE
CH4
CH2
CH1
M
M
SPINDLE
MOTOR
TRAVERSE
MOTOR
TRACKING
COIL
FOCUS
COIL
BA5948FP
Level
Shift



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com