Electronic Components Datasheet Search
  English  ▼

X  

HIF3HA Datasheet(PDF) 2 Page - Hirose Electric

Part # HIF3HA
Description  2.54mm Pitch Board to Board Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HIF3HA Datasheet(HTML) 2 Page - Hirose Electric

  HIF3HA Datasheet HTML 1Page - Hirose Electric HIF3HA Datasheet HTML 2Page - Hirose Electric HIF3HA Datasheet HTML 3Page - Hirose Electric HIF3HA Datasheet HTML 4Page - Hirose Electric HIF3HA Datasheet HTML 5Page - Hirose Electric HIF3HA Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A111
sOrdering Information
HIF3H
- * P B - 2.54 DSA
qe
wr
t
y
q Series Name
: HIF3H
w Number of contacts : 4, 6, 10, 12, 14, 16, 20, 24, 26,
30, 34, 40, 50, 60, 70, 130
e
P
: Pin header
r Contact material A: Phosphor bronze (DS: brass)
B: Brass
t Contact pitch
: 2.54mm
y Contact type
DS : Right angle type
DSA : Straight type
W : Wrapping type
qPin Header
HIF3H
A - * D A - 2.54 DSA
qe
wr ty
u
q Series Name
: HIF3H
w No symbol : Standard
A: With mis-insertion preventive guide
B: Similarly, guide position center 1 point type for 50, 60 and 64 contacts
e Number of contacts : 4, 6, 8, 10, 12, 14, 16, 18, 20, 24, 25,
26, 30, 34, 40, 50, 60, 64, 70, 130
r Contact alignment: D: double rows
S: single row
t
A
: Straight selective gold plated
B
: Right angle selective gold plated
y Contact pitch
: 2.54mm
u Contact type
DS: Right angle type
DSA: Straight type
DSB: Right angle for flexible board
DSC: Straight for flexible board
qSocket



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com