Electronic Components Datasheet Search
  English  ▼

X  

LM359N Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM359N
Description  Dual, High Speed, Programmable, Current Mode Norton Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM359N Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM359N Datasheet HTML 10Page - National Semiconductor (TI) LM359N Datasheet HTML 11Page - National Semiconductor (TI) LM359N Datasheet HTML 12Page - National Semiconductor (TI) LM359N Datasheet HTML 13Page - National Semiconductor (TI) LM359N Datasheet HTML 14Page - National Semiconductor (TI) LM359N Datasheet HTML 15Page - National Semiconductor (TI) LM359N Datasheet HTML 16Page - National Semiconductor (TI) LM359N Datasheet HTML 17Page - National Semiconductor (TI) LM359N Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Application Hints (Continued)
GENERAL PRECAUTIONS
The LM359 is designed primarily for single supply operation
but split supplies may be used if the negative supply voltage
is well regulated as the amplifiers have no negative supply
rejection.
The total device power dissipation must always be kept in
mind when selecting an operating supply voltage, the pro-
gramming current, I
SET, and the load resistance, particularly
when DC coupling the output to a succeeding stage. To pre-
vent damaging the current mirror input diode, the mirror cur-
rent should always be limited to 10 mA, or less, which is im-
portant if the input is susceptible to high voltage transients.
The voltage at any of the inputs must not be forced more
negative than −0.7V without limiting the current to 10 mA.
The supply voltage must never be reversed to the device;
however, plugging the device into a socket backwards would
then connect the positive supply voltage to the pin that has
no internal connection (pin 5) which may prevent inadvertent
device failure.
Typical Applications
DC Coupled Inputs
Inverting
DS007788-23
Non-Inverting
DS007788-24
•
Eliminates the need for an input coupling capacitor
•
Input DC level must be stable and can exceed the supply voltage of the LM359 provided that maximum input currents are not
exceeded.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com