Electronic Components Datasheet Search
  English  ▼

X  

TC1121 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1121
Description  100mA Charge Pump Voltage Converter with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1121 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1121 Datasheet HTML 2Page - Microchip Technology TC1121 Datasheet HTML 3Page - Microchip Technology TC1121 Datasheet HTML 4Page - Microchip Technology TC1121 Datasheet HTML 5Page - Microchip Technology TC1121 Datasheet HTML 6Page - Microchip Technology TC1121 Datasheet HTML 7Page - Microchip Technology TC1121 Datasheet HTML 8Page - Microchip Technology TC1121 Datasheet HTML 9Page - Microchip Technology TC1121 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TC1121
DS20001358D-page 6
 2006-2014 Microchip Technology Inc.
3.4
Cascading Devices
To produce greater negative magnitudes of the initial
supply voltage, the TC1121 may be cascaded (see
Figure 3-2). Resulting output resistance is approxi-
mately equal to the sum of individual TC1121 ROUT
values. The output voltage (where n is an integer
representing the number of devices cascaded) is
defined by VOUT = -n (VIN).
3.5
Paralleling Devices
To reduce output resistance, multiple TC1121s may be
paralleled (see Figure 3-3). Each device needs a pump
capacitor C1, but the reservoir capacitor C2 serves all
devices. The value of C2 should be increased by a
factor of n (the number of devices).
FIGURE 3-2:
Cascading TC1121s to Increase Output Voltage
FIGURE 3-3:
Paralleling TC1121s to Reduce Output Resistance
C1
C1n
4
4
3
2
3
5
8
8
7
5
2
C2
VIN
+
C2n
TC1121
TC1121
GND
GND
OSC
OSC
CAP+
CAP+
CAP–
CAP–
FC
FC
SHDN
VOUT
VOUT
VIN
VOUT
VIN
SHDN
SHDN*
SHDN*
“1”
“n”
+
+
+
+
*SHDN should be tied to VIN if not used.
C1
C1n
4
4
3
2
3
5
8
8
7
5
2
C2
V+IN
TC1121
TC1121
GND
GND
OSC
OSC
CAP+
CAP+
CAP–
CAP–
FC
FC
SHDN
VOUT
VOUT
VIN
VIN
SHDN
SHDN*
SHDN*
*SHDN should be tied to VIN if not used.
“1”
“n”
+
+
+
7
OSC
ROUT = ROUT (of TC1121)/n(number of devices)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com