Electronic Components Datasheet Search
  English  ▼

X  

TC1232EUA Datasheet(PDF) 21 Page - Microchip Technology

Part # TC1232EUA
Description  Microprocessor Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1232EUA Datasheet(HTML) 21 Page - Microchip Technology

Back Button TC1232EUA Datasheet HTML 16Page - Microchip Technology TC1232EUA Datasheet HTML 17Page - Microchip Technology TC1232EUA Datasheet HTML 18Page - Microchip Technology TC1232EUA Datasheet HTML 19Page - Microchip Technology TC1232EUA Datasheet HTML 20Page - Microchip Technology TC1232EUA Datasheet HTML 21Page - Microchip Technology TC1232EUA Datasheet HTML 22Page - Microchip Technology TC1232EUA Datasheet HTML 23Page - Microchip Technology TC1232EUA Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2002-2014 Microchip Technology Inc.
DS20001370E-page 21
TC1232
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC1232:
Microprocessor Monitor
Temperature Range:
C
=
0°C to +70°C
E
=
-40°C to +85°C
Package:
PA
= Plastic DIP (300 mil Body), 8-lead
OA
= Plastic SOIC, (150 mil Body), 8-lead
OA713 = Plastic SOIC, (150 mil Body), 8-lead
Tape and Reel
OE
= Plastic SOIC (300 mil Body), 16-lead
OE713 = Plastic SOIC (300 mil Body), 16-lead
Tape and Reel
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a) TC1232COA:
0°C to +70°C, 8L-SOIC
b) TC1232COA713: 0°C to +70°C, 8L-SOIC,
Tape and Reel
c) TC1232COE:
0°C to +70°C, 16L-SOIC
d) TC1232COE713: 0°C to +70°C, 16L-SOIC
Tape and Reel
e) TC1232CPA:
0°C to +70°C, 8L-PDIP
f) TC1232EOA:
-40°C to +85°C,
8L-SOIC
g) TC1232EOA713: -40°C to +85°C,
8L-SOIC,
Tape and Reel
h) TC1232EOE:
-40°C to +85°C,
16L-SOIC
i) TC1232EOE713: -40°C to +85°C,
16L-SOIC,
Tape and Reel
j) TC1232EPA:
-40°C to +85°C,
8L-PDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com