Electronic Components Datasheet Search
  English  ▼

X  

SST39SF010A Datasheet(PDF) 18 Page - Microchip Technology

Part # SST39SF010A
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39SF010A Datasheet(HTML) 18 Page - Microchip Technology

Back Button SST39SF010A Datasheet HTML 14Page - Microchip Technology SST39SF010A Datasheet HTML 15Page - Microchip Technology SST39SF010A Datasheet HTML 16Page - Microchip Technology SST39SF010A Datasheet HTML 17Page - Microchip Technology SST39SF010A Datasheet HTML 18Page - Microchip Technology SST39SF010A Datasheet HTML 19Page - Microchip Technology SST39SF010A Datasheet HTML 20Page - Microchip Technology SST39SF010A Datasheet HTML 21Page - Microchip Technology SST39SF010A Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
©2002-2016
DS20005022C
04/16
18
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
Figure 13:Software ID Exit and Reset
Figure 14:AC Input/Output Reference Waveforms
Figure 15:A Test Load Example
1147 F10.0
ADDRESS A14-0
DQ7-0
TIDA
TWP
TWHP
WE#
SW0
SW1
SW2
5555
2AAA
5555
THREE-BYTE SEQUENCE FOR
SOFTWARE ID EXIT AND RESET
OE#
CE#
AA
55
F0
1147 F11.1
REFERENCE POINTS
OUTPUT
INPUT
VIT
VIHT
VILT
VOT
AC test inputs are driven at VIHT (3.0V) for a logic “1” and VILT (0V) for a logic “0”. Measure-
ment reference points for inputs and outputs are VIT (1.5V) and VOT (1.5V). Input rise
Note: VIT - VINPUT Test
VOT - VOUTPUT Test
VIHT - VINPUT HIGH Test
VILT - VINPUT LOW Test
1147 F12.0
TO TESTER
TO DUT
CL
RL LOW
RL HIGH
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com