Electronic Components Datasheet Search
  English  ▼

X  

SST25WF020A Datasheet(PDF) 13 Page - Microchip Technology

Part # SST25WF020A
Description  2 Mbit 1.8V SPI Serial Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF020A Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST25WF020A Datasheet HTML 9Page - Microchip Technology SST25WF020A Datasheet HTML 10Page - Microchip Technology SST25WF020A Datasheet HTML 11Page - Microchip Technology SST25WF020A Datasheet HTML 12Page - Microchip Technology SST25WF020A Datasheet HTML 13Page - Microchip Technology SST25WF020A Datasheet HTML 14Page - Microchip Technology SST25WF020A Datasheet HTML 15Page - Microchip Technology SST25WF020A Datasheet HTML 16Page - Microchip Technology SST25WF020A Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
 2014 Microchip Technology Inc.
DS20005139E-page 13
SST25WF020A
5.6
Chip-Erase
The Chip-Erase instruction clears all bits in the device
to FFH. A Chip-Erase instruction is ignored if any of the
memory area is protected. Prior to any Write operation,
the Write-Enable (WREN) instruction must be executed.
CE# must remain active low for the duration of the
Chip-Erase instruction sequence. Initiate the Chip-
Erase instruction by executing an 8-bit command, 60H
or C7H. CE# must be driven high before the instruction is
executed. Poll the BUSY bit in the Software Status reg-
ister, or wait TSCE, for the completion of the internal
self-timed Chip-Erase cycle. See Figure 5-6 for the
Chip-Erase sequence and Figure 6-11 for the flow
chart.
FIGURE 5-6:
CHIP-ERASE SEQUENCE
5.7
Read-Status-Register (RDSR)
The Read-Status-Register (RDSR) instruction, 05H,
allows reading of the status register. The status register
may be read at any time even during a Write (Program/
Erase) operation. When a Write operation is in prog-
ress, the Busy bit may be checked before sending any
new commands to assure that the new commands are
properly received by the device. CE# must be driven
low before the RDSR instruction is entered and remain
low until the status data is read. Read-Status-Register
is continuous with ongoing clock cycles until it is termi-
nated by a low to high transition of the CE#. See Figure
5-7 for the RDSR instruction sequence.
FIGURE 5-7:
READ-STATUS-REGISTER (RDSR) SEQUENCE
CE#
SO
SI
SCK
01 2 3 4 5 6 7
60 or C7
HIGH IMPEDANCE
MODE 0
MODE 3
2513 F16.0
MSB
0
1
2
3
4
5
6
7
8
101112
13
14
2513 F17.0
MODE 3
SCK
SI
SO
CE#
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
05
MODE 0
HIGH IMPEDANCE
Status
Register Out
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com