Electronic Components Datasheet Search
  English  ▼

X  

SST25PF040C Datasheet(PDF) 16 Page - Microchip Technology

Part # SST25PF040C
Description  4 Mbit, 3.3V, SPI Serial Flash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF040C Datasheet(HTML) 16 Page - Microchip Technology

Back Button SST25PF040C Datasheet HTML 12Page - Microchip Technology SST25PF040C Datasheet HTML 13Page - Microchip Technology SST25PF040C Datasheet HTML 14Page - Microchip Technology SST25PF040C Datasheet HTML 15Page - Microchip Technology SST25PF040C Datasheet HTML 16Page - Microchip Technology SST25PF040C Datasheet HTML 17Page - Microchip Technology SST25PF040C Datasheet HTML 18Page - Microchip Technology SST25PF040C Datasheet HTML 19Page - Microchip Technology SST25PF040C Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
SST25PF040C
DS20005397B-page 16
 2015 Microchip Technology Inc.
5.10
Write-Enable (WREN)
The Write-Enable (WREN) instruction, 06H, sets the
Write-Enable-Latch bit in the Status Register to ‘1’
allowing Write operations to occur. The WREN instruc-
tion must be executed prior to any Write (Program/
Erase) operation. The WREN instruction may also be
used to allow execution of the Write-Status-Register
(WRSR) instruction; however, the Write-Enable-Latch
bit in the Status Register will be cleared upon the rising
edge CE# of the WRSR instruction. CE# must be
driven low before entering the WREN instruction, and
CE# must be driven high before executing the WREN
instruction. See Figure 5-10 for the WREN instruction
sequence.
FIGURE 5-10:
WRITE ENABLE (WREN) SEQUENCE
5.11
Write-Disable (WRDI)
The Write-Disable (WRDI) instruction, 04H, resets the
Write-Enable-Latch bit to ‘0’, thus preventing any new
Write operations. CE# must be driven low before enter-
ing the WRDI instruction, and CE# must be driven high
before executing the WRDI instruction. See Figure 5-11
for the WRDI instruction sequence.
FIGURE 5-11:
WRITE DISABLE (WRDI) SEQUENCE
CE#
SO
SI
SCK
01 2 3 4 5 6 7
06
HIGH IMPEDANCE
MODE 0
MODE 3
20005397 F18.0
MSB
CE#
SO
SI
SCK
01 2 3 4 5 6 7
04
HIGH IMPEDANCE
MODE 0
MODE 3
20005397 F19.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com