Electronic Components Datasheet Search
  English  ▼

X  

TO-263-2L Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # TO-263-2L
Description  Packaging for Automatic Handling
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

TO-263-2L Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  TO-263-2L Datasheet HTML 1Page - Advanced Monolithic Systems TO-263-2L Datasheet HTML 2Page - Advanced Monolithic Systems TO-263-2L Datasheet HTML 3Page - Advanced Monolithic Systems TO-263-2L Datasheet HTML 4Page - Advanced Monolithic Systems TO-263-2L Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
TAPE AND REEL SPECIFICATIONS
TO-92 TAPE DIMENSIONS
P
P2
P1
S
F2
F1
P0
D
W1
W
H1
H
H4
TO92TR AMS DRW# 050201
TO-92 REEL DIMENSIONS
SYMBOL
DESCRIPTION
DIMENSIONS
D
Sprocket Hole Diameter
4
± 0.2
H
Length from Seating Plane
16
± 0.5
H1
Sprocket Hole Location
9
± 0.5
H4
Component Base Height
20 Max
P
Sprocket Hole Pitch
12.7
± 0.2
P0
Pitch of Component
12.7
± 0.5
P1
Lead Location
3.85
± 0.5
P2
Center of Seating Plane Location
6.35
± 0.4
S
Component Lead Spacing
5 + 8, -0.2
W
Carrier Tape Width
18 + 1, -0.5
W1
Adhesive Tape Width
6.0
± 1.0
F1, F2
Lead-to-Lead Distance
2.5 + 0.4, -0.1
PACKAGE ORIENTATION
TO92TR AMS DRW# 050203
TO92TR AMS DRW# 050204
STYLE S : Standard
(Flat Side of Package Faces Toward the Adhesive Tape)
STYLE R: Reverse
(Rounded Side of Package Faces Toward the Adhesive Tape)
30.5mm
TYP
TO92TR AMS DRW# 050202
356mm
TYP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com