Electronic Components Datasheet Search
  English  ▼

X  

AMS2596D Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS2596D
Description  Internal compensation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2596D Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS2596D Datasheet HTML 1Page - Advanced Monolithic Systems AMS2596D Datasheet HTML 2Page - Advanced Monolithic Systems AMS2596D Datasheet HTML 3Page - Advanced Monolithic Systems AMS2596D Datasheet HTML 4Page - Advanced Monolithic Systems AMS2596D Datasheet HTML 5Page - Advanced Monolithic Systems AMS2596D Datasheet HTML 6Page - Advanced Monolithic Systems AMS2596D Datasheet HTML 7Page - Advanced Monolithic Systems AMS2596D Datasheet HTML 8Page - Advanced Monolithic Systems AMS2596D Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AMS2596
3A 30V Step-Down Converter
3/4/2010
www.advanced-monolithic.com
Phone (925) 443-0722
3
Fax (925) 443-0723
Absolute Maximum Ratings
(1)
VIN Supply Voltage………………...….......…..….-0.3V to 30V
FB feedback pin……………………...........……-0.3V to +30V
EN Enable Voltage…………………….…....….-0.3V to +20V
Storage Temperature Range…………...…...-65⁰C to 150⁰C
Lead Temperature (Soldering 60se………….….…… 215⁰C
Junction Temperature………...……………….….…… 150⁰C
ESD Suceptability…………………………………………..2kV
Recommended Operating Conditions
(2)
Input Voltage……………………………………..………..4.5V to 28 V
Tj Operating Temperature…… ……………….…….-25⁰C to 125⁰C
Thermal Information
8L SOIC EP θJA
(11) ………………………………….….…...60⁰C/W
TO263-5
θJA
(9) ……………………………….….….…....30⁰C/W
TO-252
θJA
(10) ………………………………….….…....57⁰C/W
TO-220
θJA
(8) …………………………….….…….…….50⁰C/W
Electrical Characteristics
TA= 25 °C and VIN=12V (unless otherwise noted).
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Vin
Vin
4.5
12
20
V
Feedback Voltage
VFBSW
4.5V ≤ VIN ≤ 30V,
0.2A ≤ ILoad ≤ 3A
1.193
1.180
1.230
1.267
1.280
V
Efficiency
η
VIN = 12V, VOUT = 3V, ILoad = 3A
85
%
Oscillator Frequency
FOSC
127
150
173
kHz
Saturation Voltage
VSAT
ISW out=3A
1.16
1.4/1.5
V
Maximum Duty Cycle
DMAX
Note 6
95
99
%
Minimum Duty Cycle
DMIN
Note 7
0
%
Current Limit
ILIMSW
VSW out=5V
3.6 / 3.4
4.5
6.9 / 7.5
A
Shutdown Supply Current
IVinsd
VEN =0V
90
nA
Output Leakage Current
ILK
Output = 0V (Note 8)
Output = -1V
2
50
30
μA
Quiescent Current
IQ
(Note 6)
5
10
mA
Standby Quiescent Current
ISD
ON/OFF pin = 5V (OFF)
80
200
250
μA
Enable Logic Input
Threshold Voltage
VEN(L)
VEN(H)
Low (Regulator ON)
High (Regulator OFF)
1.3
0.6
2.0
V
V
V
Enable Input Current
IENH
IENL
VLOGIC = 2.5V (Regular OFF)
VLOGIC = 0.5V (Regular ON)
5
0.02
5
0.02
15
5
µA
µA
Over-temperature
Sh td
125
°C
Notes:
1.
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical
Characteristics.
2.
VO = Output Voltage specified from 1.25V to 7V in 100mV increments.
3.
Typical numbers are at 25ºC and represent the most likely norm.
4.
All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits are 100%
production tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are
used to calculate Average Outgoing Quality Level (AOQL).
5.
Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
6.
Feedback pin removed from output and connected to 12V for Fixed and Adjustable version, to force the output transistor switch OFF.
7.
With output transistor switch turned off.
8.
Junction to ambient thermal resistance (no external heat sink) for the TO-220 package mounted vertically, with the leads soldered to a printed circuit
board with (1 oz.) and a heat sink approximately 1 in
2.
9.
Junction to ambient thermal resistance with the TO-263 package tab soldered to a double side printed circuit board with 2.5 in
2 of (1 oz.) copper area.
10.
Junction to ambient thermal resistance with the TO-252 package tab soldered to a single sided printed circuit board with 2.5 in
2 of (1 oz.) copper area.
11.
Junction to ambient thermal resistance with the SO-8 EDP package soldered to a double sided printed circuit board 5 via under the package paddle
crossing to the other side of PCB on 2.5 in
2 1oz Cu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com