Electronic Components Datasheet Search
  English  ▼

X  

AMS2596S Datasheet(PDF) 15 Page - Advanced Monolithic Systems

Part # AMS2596S
Description  Internal compensation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2596S Datasheet(HTML) 15 Page - Advanced Monolithic Systems

Back Button AMS2596S Datasheet HTML 7Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 8Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 9Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 10Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 11Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 12Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 13Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 14Page - Advanced Monolithic Systems AMS2596S Datasheet HTML 15Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
AMS2596
3A 30V Step-Down Converter
3/4/2010
www.advanced-monolithic.com
Phone (925) 443-0722
15
Fax (925) 443-0723
PACKAGE DIMENSIONS (continued)
5 LEAD TO-263 PLASTIC PACKAGE (M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com