Electronic Components Datasheet Search
  English  ▼

X  

AMS3109 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS3109
Description  Current Limit protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3109 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS3109 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3109 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3109 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3109 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3109 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3109 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3109 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3109 Datasheet HTML 8Page - Advanced Monolithic Systems AMS3109 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AMS3109
Micropower 700mA Low Noise Fast Transient Response LDO
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
2
Fax (925) 443-0723
Pin Description (SOIC-8 EDP package)
Pin #
Symbol
Description
1
BYP
Reference Bypass pin. Connect an external capacitor from CBYP to ground to
bypass the noise generated by the internal bandgap. This improves power supply
rejection ratio and output noise.
2
NC
No Connection
3
GND
Ground
4
VIN
Input supply Voltage. It powers the internal control circuitry and the internal power
switch. Bypass VIN with at ceramic capacitor from this pin to ground.
5
VOUT
Output Voltage
6
ADJ
Provides feedback to error amplifier from the resistive divider that sets the output
voltage.
7
NC
No Connection
8
EN
Enable pin. It controls the electrical on/off of the device. When connected to logic
low, the device shuts off and consumes less than1µA of current. Logic high will
resume normal operation.
9
GND
Expose pad. Connected to PCB ground plane for good thermal dissipation.
Pin Configuration
SOIC-8EDP (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com