Electronic Components Datasheet Search
  English  ▼

X  

AMS3109S Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS3109S
Description  Current Limit protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3109S Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS3109S Datasheet HTML 1Page - Advanced Monolithic Systems AMS3109S Datasheet HTML 2Page - Advanced Monolithic Systems AMS3109S Datasheet HTML 3Page - Advanced Monolithic Systems AMS3109S Datasheet HTML 4Page - Advanced Monolithic Systems AMS3109S Datasheet HTML 5Page - Advanced Monolithic Systems AMS3109S Datasheet HTML 6Page - Advanced Monolithic Systems AMS3109S Datasheet HTML 7Page - Advanced Monolithic Systems AMS3109S Datasheet HTML 8Page - Advanced Monolithic Systems AMS3109S Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AMS3109
Micropower 700mA Low Noise Fast Transient Response LDO
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
1
Fax (925) 443-0723
General Description
The AMS3109 is a high performance linear regulator
with very low dropout voltage and excellent transient
response. It is designed to operate with wide input
voltage range of 1.5 – 12Volts making it ideal for two
step conversion while maintaining high efficiency for
many power sensitive applications. The device is
capable of supplying 700mA of output current with a
typical dropout voltage of 550mV. The product is
available in adjustable output voltage.
The linear regulator has been optimized for noise
sensitive applications.
The device includes an
Enable pin for electrical on/off of the regulator.
Forcing the Enable pin to logic low shuts down the
LDO and reduces the supply current below 1µA.
The product includes complete short-circuit and
thermal protection. The combination of these two
internal protection circuits gives the device a
comprehensive safety system to safe guard against
extreme adverse operating conditions.
The AMS3109 is available in a thermally enhanced
SOIC-8 EDP package, and it is rated for -40°C to
+125°C temperature range.
Features
•
VIN range: 1.5 – 12V
•
Adjustable output voltage as low as 0.6V
•
700mA maximum output current
•
550mV typical dropout voltage at 700mA
•
Low self noise
•
Enable (EN) pin for LDO on/off
•
120µA typical supply current
•
ByPass (CBYP) Pin for low PSRR and output
noise
•
PSRR > 40dB at 10KHz
•
Stable with Electrolytic, Tantalum or
Ceramic capacitors
•
Current Limit protection
•
Over-Temperature Shutdown
•
-40 to +125°C temperature range
•
Thermally enhanced SOIC-8 exposed
paddle package
•
RoHS & WEEE compliant
Applications
•
ASIC Power Supplies In:
Set-top Boxes, Desktops, Notebooks
Graphic Cards, Printers and Copiers
•
DVD, Blue-Ray DVD writers
•
LCD TVs and LCD monitors
•
Infotainment
•
Wireless & RF: applications
•
DSP and FPGA Power Supplies
•
Medical Instrumentation
•
SMPS Post-Regulator
Typical Application


Similar Part No. - AMS3109S

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3109SOIC-8EDP AMS-AMS3109SOIC-8EDP Datasheet
584Kb / 10P
Micropower 700mA Low Noise Fast Transient Response LDO
More results

Similar Description - AMS3109S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L_15 Datasheet
221Kb / 5P
Current Limit Protection
AD4C311-L SSOUSA-AD4C311-L Datasheet
220Kb / 5P
Current limit protection
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
Output current limit for short-circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
Output current limit and short circuit protection
logo
Unisonic Technologies
LR1112G-XX-AE5-R UTC-LR1112G-XX-AE5-R Datasheet
177Kb / 6P
Current limit protection
logo
Advanced Monolithic Sys...
AMS3121 ADMOS-AMS3121 Datasheet
327Kb / 9P
Current Limit protection
AMS3131 ADMOS-AMS3131 Datasheet
319Kb / 9P
Current Limit protection
AMS3132 ADMOS-AMS3132 Datasheet
439Kb / 10P
Current Limit protection
logo
Maxim Integrated Produc...
MAX14626EVKIT MAXIM-MAX14626EVKIT Datasheet
377Kb / 6P
Evaluates Current-Limit Protection
Rev 0; 9/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com