Electronic Components Datasheet Search
  English  ▼

X  

AMS6104 Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS6104
Description  Internal Power Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS6104 Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS6104 Datasheet HTML 1Page - Advanced Monolithic Systems AMS6104 Datasheet HTML 2Page - Advanced Monolithic Systems AMS6104 Datasheet HTML 3Page - Advanced Monolithic Systems AMS6104 Datasheet HTML 4Page - Advanced Monolithic Systems AMS6104 Datasheet HTML 5Page - Advanced Monolithic Systems AMS6104 Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS6104
PIN DESCRIPTION
AMS6104
PIN
NUMBERS
NAME
DESCRIPTION
1
FB
Feedback Input. Connect a resistive voltage divider from the output voltage to FB to set the
output voltage. The feedback regulation threshold is 1.23V.
2
GND
Ground
3
SW
High side of the Switch transistor. The Low side of the Switch transistor is internally
connected to GND
4
VCC
Internal Power Input. VCC powers the internal circuitry. If the input source remains above
3.0V, VCC can be connected to the input source to reduce power consumption.
5
EN
Enable. A high voltage at EN turns on the converter, and a low voltage turns it off. When
not used, connect EN to the input source for automatic startup. If EN is driven over 6V,
place a 10 kΩ to 47kΩ resistor in series with EN.
3.3V to 5.0V application



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com