Electronic Components Datasheet Search
  English  ▼

X  

LM3647 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3647
Description  Universal Battery Charger for Li-Ion, Ni-MH and Ni-Cd Batteries
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3647 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM3647 Datasheet HTML 9Page - National Semiconductor (TI) LM3647 Datasheet HTML 10Page - National Semiconductor (TI) LM3647 Datasheet HTML 11Page - National Semiconductor (TI) LM3647 Datasheet HTML 12Page - National Semiconductor (TI) LM3647 Datasheet HTML 13Page - National Semiconductor (TI) LM3647 Datasheet HTML 14Page - National Semiconductor (TI) LM3647 Datasheet HTML 15Page - National Semiconductor (TI) LM3647 Datasheet HTML 16Page - National Semiconductor (TI) LM3647 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
www.national.com
4.5 Recommended dimensioning for the NTC
The voltage at TEMP-input must be between 2.2V and 0.5V
for the charger to start. While charging the voltage, must stay
between 3.0V (maximum temperature) for Li-Ion, or 3.15V
(maximum temperature) for Ni-Cd/Ni-MH, and 0.5V (mini-
mum temperature) or the charger will register a temperature
fault and abort the charge. These voltages correspond to the
upper and lower limits for the battery pack temperature.
When no NTC is used the TEMP-input pin must be biased to
a voltage level between 2.2V and 0.5V.
Typical configuration curve, (NTC characteristics: 3k
Ω @ 25°C, β=3988:
0
0.5
1
1.5
2
2.5
3
3.5
-10
-5
0
5
10
15
20
25
30
35
40
45
50
Temperature in °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com