Electronic Components Datasheet Search
  English  ▼

X  

IS1870SF Datasheet(PDF) 18 Page - Microchip Technology

Part # IS1870SF
Description  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1870SF Datasheet(HTML) 18 Page - Microchip Technology

Back Button IS1870SF Datasheet HTML 14Page - Microchip Technology IS1870SF Datasheet HTML 15Page - Microchip Technology IS1870SF Datasheet HTML 16Page - Microchip Technology IS1870SF Datasheet HTML 17Page - Microchip Technology IS1870SF Datasheet HTML 18Page - Microchip Technology IS1870SF Datasheet HTML 19Page - Microchip Technology IS1870SF Datasheet HTML 20Page - Microchip Technology IS1870SF Datasheet HTML 21Page - Microchip Technology IS1870SF Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
IS1870/71
DS60001371C-Page 18
 2015-2016 Microchip Technology Inc.
TABLE 3-1:
RECOMMENDED OPERATING CONDITIONS
Symbol
Min.
Typ.
Max.
Ambient operating temperature range
–20°C
+25°C
+70°C
PMU
VDD (VBAT, BK_IN), AVDD
1.9V
3.0V
3.6V
VCC_RF
1.22V
1.28V
1.34V
VCC_PA
1.5V
1.55V
1.98V
CLDO_O, VREF
1.1V
1.2V
1.32V
ULPC_O
1.1V
1.2V
1.32V
RST_N
1.9V
3.0V
3.6V
Other I/O
1.9V
—
3.6V
GPIO
VIH (Input High Voltage)
0.7 VDD
—VDD
VIL (Input Low Voltage)
VSS
—
0.3 VDD
VOH (Output High Voltage) (High drive, 12 mA)
0.8 VDD
—VDD
VOL (Output Low Voltage) (High drive, 12 mA)
VSS
—
0.2 VDD
Pull-up Resistance
34 K
48 K
74 K
Pull-down Resistance
29 K
47 K
86 K
Supply Current
Tx mode peak current at VDD=3V,
Tx=0 dBm, Buck mode
—
—
13 mA
Rx mode peak current at VDD=3V, Buck mode
—
—
13 mA
Link static current
60 μA
Standby current
1.9 μA—
2.9 μA
Power-Saving
1 μA—
1.7 μA
Analog-to-Digital Converter (ADC)
Full scale (BAT_IN)
0V
3.0V
3.6V
Full scale (AD0~AD15)
0V
—
3.6V
Conversion time (ENOB 8-bit)
—
131 μS—
Conversion time (ENOB 10-bit)
—
387 μS—
Operating current
—
—
500 μA
DNL
-1.12 LSB
—
+1.12 LSB
INL
-4.38 LSB
—
+4.38 LSB
Precise Temperature Sensor (PTS)
Detect range
-20°C
—
+70°C
Digital Output
1387
—
2448
Resolution
—
12-bits/°C
—
Accuracy
-3°C
—
+3°C
Conversion time (ENOB 10-bit)
—
12.35 ms
—
Operating current
—
—
200 μA
IS1870SF_IS1871SF.book Page 18 Thursday, March 31, 2016 10:29 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com