Electronic Components Datasheet Search
  English  ▼

X  

C1010 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # C1010
Description  High Reliability Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

C1010 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  C1010 Datasheet HTML 1Page - COSMO  Electronics Corporation C1010 Datasheet HTML 2Page - COSMO  Electronics Corporation C1010 Datasheet HTML 3Page - COSMO  Electronics Corporation C1010 Datasheet HTML 4Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
c 2004
cosmo ELECTRONICS CORPORATION
http://www.cosmo-ic.com
28
1. Anode
2. Cathode
3. Emitter
4. Collector
Features
1. Current transfer ratio
(CTR : MIN.50% at IF=5mA VcE=5V
2. High isolation voltage between input and output(Viso : 5000Vrms).
3. Compact dual-in-line package.
Applications
1. Registers, copiers, automatic vending machines.
2. System appliances, measuring instruments.
3. Computer terminals, programmable controllers.
4. Communications, telephone, etc.
5. Electric home appliances, such as oil fan heaters, Microwave oven,
Washer, Refrigerator, Air conditioner, etc.
6. Medical instruments, physical and chemical equipment.
7. Signal transmission between circuits of different potentials and
impedances.
8. Facsimile equipment, Audio, Video.
9. Switching power supply, Laser beam printer.
Absolute Maximum Ratings
(Ta=25
°C)
Electro-optical Characteristics
(Ta=25
°C)
UL 1577 (File No.E169586)
VDE 0884 / 0860 / 0805 (File No.101347)
Schematic:Top View
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Peak forward current
IFM
Reverse voltage
VR
Power dissipation
70
mW
Output
Collector-emitter voltage
VCEO
70
V
Emitter-collector voltage
VECO
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Total power dissipation
Ptot
200
mW
Isolation voltage 1 minute
Viso
5000
Vrms
Operating temperature
Topr
-30 to +115
Storage temperature
Tstg
-55 to +125
Soldering temperature 10 second
Tsol
260
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
IF=20mA
1.2
1.4
V
Peak forward voltage
VFM
IFM=0.5A
3.0
V
Reverse current
IR
VR=4V
10
uA
Terminal capacitance
Ct
V=0, f=1kHz
30
pF
Output
Collector dark current
ICEO
VCE=20V
0.1
uA
Transfer
Current transfer ratio
CTR
IF=5mA, VCE=5V
50
600
%
charac-
Collector-emitter saturation voltage
VCE(sat)
IF=20mA, IC=1mA
0.1
0.2
V
teristics
Isolation resistance
Riso
DC500V
5X10
10
10
11
ohm
Floating capacitance
Cf
V=0, f=1MHZ
0.6
1.0
pF
Cut-off frequency
fc
VCC=5V, IC=2mA, RL=100ohm
80
kHz
Respone time (Rise)
tr
VCE=2V, IC=2mA, RL=100ohm
418
us
Respone time (Fall)
tf
3
18
us
Outside Dimension:Unit (mm)
C1010
High Reliability Photocoupler
1
A
6
V
PD
6
V
°C
°C
°C
旄
旄


Similar Part No. - C1010

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
C1010 COSMO-C1010 Datasheet
471Kb / 3P
High Reliability Photocoupler
logo
Sumida Corporation
C10100 SUMIDA-C10100 Datasheet
152Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
logo
Chip Integration Techno...
C10100CS CITC-C10100CS Datasheet
517Kb / 3P
10A Trench Schottky Rectifier
logo
List of Unclassifed Man...
C101024006 ETC2-C101024006 Datasheet
71Kb / 3P
Timers Symmetrical Recycler
C101024060 ETC2-C101024060 Datasheet
71Kb / 3P
Timers Symmetrical Recycler
More results

Similar Description - C1010

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP160J COSMO-KTLP160J Datasheet
359Kb / 2P
HIGH RELIABILITY PHOTOCOUPLER
KMOC3041 COSMO-KMOC3041 Datasheet
376Kb / 2P
High Reliability photocoupler
logo
List of Unclassifed Man...
P4010 ETC1-P4010 Datasheet
152Kb / 5P
HIGH RELIABILITY PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2832 COSMO-KPS2832 Datasheet
234Kb / 2P
High Reliability Photocoupler
KPC815 COSMO-KPC815 Datasheet
371Kb / 2P
High Reliability Photocoupler
KPC825 COSMO-KPC825 Datasheet
372Kb / 2P
High Reliability Photocoupler
KTLP166J COSMO-KTLP166J Datasheet
385Kb / 2P
High Reliability Photocoupler
K3010 COSMO-K3010_12 Datasheet
96Kb / 6P
High Reliability Photocoupler
K10106T COSMO-K10106T Datasheet
164Kb / 6P
High Reliability Photocoupler
K10106W COSMO-K10106W Datasheet
165Kb / 6P
High Reliability Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com