Electronic Components Datasheet Search
  English  ▼

X  

C1210 Datasheet(PDF) 1 Page - IMP, Inc

Part # C1210
Description  Process C1210 CMOS 1.2mm Zero Threshold Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

C1210 Datasheet(HTML) 1 Page - IMP, Inc

  C1210 Datasheet HTML 1Page - IMP, Inc C1210 Datasheet HTML 2Page - IMP, Inc C1210 Datasheet HTML 3Page - IMP, Inc C1210 Datasheet HTML 4Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
47
© IMP, Inc.
Process C1210
CMOS 1.2
µm
Zero Threshold Devices
N-Channel Transistor
Symbol
Minimum
Typical
Maximum
Unit
Comments
Threshold Voltage
VTN
0.55
0.75
0.95
V
100x1.2
µm
Body Factor
γ
N
0.34
V1/2
100x1.2
µm
Conduction Factor
βN
64
75
86
µA/V2
100x100
µm
Effective Channel Length
LeffN
0.8
1.0
1.2
µm
100x1.2
µm
Width Encroachment
∆WN
0.6
µm
Per side
Punch Through Voltage
BVDSSN
9V
Poly Field Threshold Voltage
VTFP(N)
10
V
P-Channel Transistor
Symbol
Minimum
Typical
Maximum
Unit
Comments
Threshold Voltage
VTP
–0.7
–0.9
–1.1
V
100x1.2
µm
Body Factor
γ
P
0.38
V1/2
100x1.2
µm
Conduction Factor
βP
21
25
29
µA/V2
100x100
µm
Effective Channel Length
LeffP
0.9
1.1
1.3
µm
100x1.2
µm
Width Encroachment
∆WP
0.8
µm
Per side
Punch Through Voltage
BVDSSP
–9.0
V
Poly Field Threshold Voltage
VTFP(P)
–10.0
V
Zero Vt N-Channel Transis.
Symbol
Minimum
Typical
Maximum
Unit
Comments
Threshold Voltage
VTZLN
0.00
0.15
0.30
V
100x100
µm
Body Factor
γ
ZLN
0.348
V1/2
100x100
µm
Conduction Factor
βZLN
75
90
105
µA/V2
100x100
µm
Saturation Current
IDSATZN
28
34
40
mA
100x1.5
µm
Zero Vt P-Channel Transis.
Symbol
Minimum
Typical
Maximum
Unit
Comments
Threshold Voltage
VTZLP
–0.3
–0.1
0.1
V
100x100
µm
Body Factor
γ
ZLP
0.36
V1/2
100x100
µm
Conduction Factor
βZLP
21
26
31
µA/V2
100x100
µm
Saturation Current
IDSATZP
–11
–15
–19
mA
100x1.5
µm
Electrical Characteristics
T=25oC Unless otherwise noted
ISO 9001 Registered
®


Similar Part No. - C1210

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1210 GENERAL-C1210 Datasheet
73Kb / 1P
CONTROL CABLE
logo
Cree, Inc
C12105 CREE-C12105 Datasheet
230Kb / 3P
Lena series
logo
C&D Technologies
C12105 CANDD-C12105 Datasheet
1Mb / 3P
Basepart for LENA and LENINA reflectors.PRODUCT
logo
Ledil, Inc.
C12105 LEDIL-C12105 Datasheet
1Mb / 3P
Basepart for LENA and LENINA reflectors.
logo
Kemet Corporation
C1210C100CCGAC KEMET-C1210C100CCGAC Datasheet
1Mb / 9P
CERAMIC CHIP / HIGH VOLTAGE
More results

Similar Description - C1210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Aplus Intergrated Circu...
AIVR1004 APLUS-AIVR1004 Datasheet
122Kb / 8P
tandard CMOS process
AP8921A APLUS-AP8921A Datasheet
210Kb / 17P
Standard CMOS process
AP8942A APLUS-AP8942A Datasheet
274Kb / 18P
Standard CMOS process
AP89042 APLUS-AP89042 Datasheet
248Kb / 19P
Standard CMOS process
AIVR1004 APLUS-AIVR1004_10 Datasheet
201Kb / 8P
Standard CMOS process.
AIVR8511 APLUS-AIVR8511 Datasheet
194Kb / 7P
Standard CMOS process
logo
Advanced Linear Devices
ALD212900 ALD-ALD212900 Datasheet
110Kb / 12P
DUAL HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
ALD110800 ALD-ALD110800_17 Datasheet
104Kb / 12P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD
logo
Shenzhen Huazhimei Semi...
HM1668 HMSEMI-HM1668 Datasheet
518Kb / 13P
Power CMOS process
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com