Electronic Components Datasheet Search
  English  ▼

X  

IS2063 Datasheet(PDF) 8 Page - Microchip Technology

Part # IS2063
Description  Qualified for Bluetooth v4.2 specifications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2063 Datasheet(HTML) 8 Page - Microchip Technology

Back Button IS2063 Datasheet HTML 4Page - Microchip Technology IS2063 Datasheet HTML 5Page - Microchip Technology IS2063 Datasheet HTML 6Page - Microchip Technology IS2063 Datasheet HTML 7Page - Microchip Technology IS2063 Datasheet HTML 8Page - Microchip Technology IS2063 Datasheet HTML 9Page - Microchip Technology IS2063 Datasheet HTML 10Page - Microchip Technology IS2063 Datasheet HTML 11Page - Microchip Technology IS2063 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
IS2063
DS60001432A-Page 8
Advance Information
 2016 Microchip Technology Inc.
Table 1-2 provides the pin description of the IS2063
SoC. Users can configure these pins using the UI tool.
TABLE 1-2:
IS2063 SOC PIN DESCRIPTION
Pin No
Pin Type
Name
Description
1
P
VDDAO
Power supply (3.3V) dedicated to codec output amplifi-
ers; connect to the CODEC_VO pin
2
O
AOHPM
Headphone common mode output/sense input
3
O
AOHPL
Left channel analog headphone output
4
P
VDDA
Power supply (3.3V) or reference voltage for external
codec; connect to CODEC_VO pin
5
P
VCOM
Internal biasing voltage for codec, connect a 4.7 μF
capacitor to ground
6
I
MIC_N1
MIC1 mono differential analog negative input
7
I
MIC_P1
MIC1 mono differential analog positive input
8
P
MIC_BIAS
Electric microphone biasing voltage
9
I
AIR
Right channel, single-ended analog input
10
I
AIL
Left channel, single-ended analog input
11
P
VDD_CORE
Core 1.2V power input; connect to CLDO_O pin; con-
nect to GND through a 1 μF (X5R/X7R) capacitor
12
O
P1_2
I2C SCL (EEPROM clock)
13
I/O
P1_3
I2C SDA (EEPROM data SDA)
14
I
RST_N
System reset (active-low)
15
P
VDD_IO
I/O power supply input (3.3V); connect to LDO31_VO
(pin # 24); connect to GND through a 1 μF
(X5R/X7R) capacitor
16
I/O
P0_1
Configurable control or indication pin
(Internally pulled up if configured as an input)
• Class1 Tx control signal for external RF T/R
switch, active-high
17
I
P2_4
System configuration pin along with P2_0 and EAN
pins can be used to set the IS2063 SoC in any one of
these modes:
• Application mode (for normal operation)
• Test mode (to change EEPROM values)
• Write Flash mode (to load a new firmware into the
SoC), see Table 6-1
18
I/O
P0_4
Configurable control or indication pin
(Internally pulled up if configured as an input)
• NFC detection pin, active-low
• Out_Ind_1
19
I/O
P1_5
Configurable control or indication pin
(Internally pulled up if configured as an input)
• NFC detection pin, active-low
• Slide switch detector, active-high
• Out_Ind_1
• Multi-SPK Master/Slave mode control (FW depen-
dent)
20
I
HCI_RXD
HCI UART data input
21
O
HCI_TXD
HCI UART data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com