Electronic Components Datasheet Search
  English  ▼

X  

MCP6V71 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP6V71
Description  Portable Instrumentation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V71 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP6V71 Datasheet HTML 38Page - Microchip Technology MCP6V71 Datasheet HTML 39Page - Microchip Technology MCP6V71 Datasheet HTML 40Page - Microchip Technology MCP6V71 Datasheet HTML 41Page - Microchip Technology MCP6V71 Datasheet HTML 42Page - Microchip Technology MCP6V71 Datasheet HTML 43Page - Microchip Technology MCP6V71 Datasheet HTML 44Page - Microchip Technology MCP6V71 Datasheet HTML 45Page - Microchip Technology MCP6V71 Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
 2015 Microchip Technology Inc.
DS20005385B-page 43
MCP6V71/1U
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6V71T:
Single Op Amp (Tape and Reel)
(SOT-23 only)
MCP6V71UT: Single Op Amp (Tape and Reel)
(SC-70, SOT-23)
MCP6V72:
Dual Op Amp (MSOP, 2x3 TDFN)
MCP6V72T:
Dual Op Amp (Tape and Reel) (MSOP,
2x3 TDFN)
MCP6V74:
Quad Op Amp (TSSOP)
MCP6V74T:
Quad Op Amp (Tape and Reel) (TSSOP)
Temperature Range:
E
= -40°C to +125°C (Extended)
Package:
LTY*
= Plastic Small Outline Transistor, 5-lead SC70
OT
= Plastic Small Outline Transistor, 5-lead SOT-23
MNY* = Plastic Dual Flat, No-Lead - 2×3×0.75 mm Body,
8-lead
MS
= Plastic Micro Small Outline, 8-lead
ST
= Plastic Thin Shrink Small Outline - 4.4 mm Body,
14-lead
*Y
= Nickel palladium gold manufacturing designator.
Only available on the SC70 and TDFN packages.
PART NO.
–X
/XX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Examples:
a)
MCP6V71T-E/OT:
Tape and Reel,
Extended temperature,
5LD SOT-23 package
a)
MCP6V71UT-E/LTY: Tape and Reel
Extended temperature,
5LD SC70 package
b)
MCP6V71UT-E/OT: Tape and Reel,
Extended temperature,
5LD SOT-23 package
a)
MCP6V72-E/MS:
Extended temperature,
8LD MSOP package
b)
MCP6V72T-E/MS:
Tape and Reel,
Extended temperature,
8LD MSOP package
c)
MCP6V72T-E/MNY: Tape and Reel,
Extended temperature,
8LD 2x3 TDFN package
a)
MCP6V74-E/ST:
Extended temperature,
14LD TSSOP package
b)
MCP6V74T-E/ST:
Tape and Reel,
Extended temperature,
14LD TSSOP package
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com