Electronic Components Datasheet Search
  English  ▼

X  

MLD5120 Datasheet(PDF) 1 Page - American Microsemiconductor

Part # MLD5120
Description  LIMITER DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

MLD5120 Datasheet(HTML) 1 Page - American Microsemiconductor

  MLD5120 Datasheet HTML 1Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LIMITER DIODES
MLD Series DATA Sheet
© 2014 American Microsemiconductor, Inc.
Specifications are subject to change without notice.
Aerospace Mgmt. Sys. Cert.
AS/EN/JISQ9100:2009 Rev. C
ISO9001:2008
Cert No. 45325
133 Kings Road,
Madison, New Jersey 07940
United States of America
Tel. 1-973-377-9566, Fax. 1-973-377-3078
www.americanmicrosemi.com
Document Page 1 of 1
Revised 06/2013
Designed for use in passive or active limiters over the entire
range of frequencies from 100 MHz to beyond 20 GHz. The
MLD series limiter diodes are offered for flexibility in design
of low (lowest VB, fastest turn-on time), medium and high
(highest VB, slowest turn-on time) power limiters. For use in
waveguides, coax, microstrip or stripline. Single or cascade
devices may be used depending on power levels.
CHIP ELECTRICAL PARAMETERS TA=25°C
TYPICAL LIMITER PERFORMANCE RATINGS TA=25°C
ABSTRACT


Similar Part No. - MLD5120

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
MLD5121 AMMSEMI-MLD5121 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5122 AMMSEMI-MLD5122 Datasheet
707Kb / 1P
LIMITER DIODES
MLD5123 AMMSEMI-MLD5123 Datasheet
707Kb / 1P
LIMITER DIODES
MLD5124 AMMSEMI-MLD5124 Datasheet
707Kb / 1P
LIMITER DIODES
More results

Similar Description - MLD5120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLP7100 ETC1-MLP7100 Datasheet
206Kb / 2P
Limiter Diodes
logo
American Microsemicondu...
MLD5113 AMMSEMI-MLD5113 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5114 AMMSEMI-MLD5114 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5115 AMMSEMI-MLD5115 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5116 AMMSEMI-MLD5116 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5117 AMMSEMI-MLD5117 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5118 AMMSEMI-MLD5118 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5119 AMMSEMI-MLD5119 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5121 AMMSEMI-MLD5121 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5123 AMMSEMI-MLD5123 Datasheet
707Kb / 1P
LIMITER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com